Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK26N90 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK26N90
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK26N90 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK26N90 Datasheet HTML 1Page - IXYS Corporation IXFK26N90 Datasheet HTML 2Page - IXYS Corporation IXFK26N90 Datasheet HTML 3Page - IXYS Corporation IXFK26N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
900
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
900
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
26N90
26
A
25N90
25
I
DM
T
C
= 25
°C, pulse width limited by T
JM
26N90
104
A
25N90
100
I
AR
T
C
= 25
°C
26N90
26
A
25N90
25
E
AR
T
C
= 25
°C64
mJ
E
AS
T
C
= 25
°C3
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
560
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.4/6
Nm/lb.in.
Weight
PLUS 247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3mA
900
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = ±20 V, VDS = 0
±200
nA
I
DSS
V
DS = 0.8 •VDSS
T
J =
25
°C
100
mA
V
GS
= 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
26N90
0.3
W
Note 1
25N90
0.33
W
Single MOSFET Die
Features
• Internationalstandardpackages
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
- easy to drive and to protect
• Fast intrinsic rectifier
Applications
• DC-DC converters
• Battery chargers
• Switched-modeandresonant-mode
power supplies
• DC choppers
• AC motor control
• Temperatureandlightingcontrols
Advantages
• PLUS 247TMpackage for clip or spring
mounting
• Space savings
• High power density
HiPerFETTM Power MOSFETs
98553D (9/99)
PLUS 247TM (IXFX)
G
D
(TAB)
G = Gate
D = Drain
S = Source
TAB = Drain
S
G
D
(TAB)
TO-264 AA (IXFK)
V
DSS
I
DSS
R
DS(on)
t
rr
900 V 26 A 0.30
W 250 ns
900 V 25 A 0.33
W 250 ns
IXFK/IXFX 26N90
IXFK/IXFX 25N90
Preliminary data sheet
S
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFK26N90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFK26N90 ISC-IXFK26N90 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK26N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com