Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT16501ADGG Datasheet(PDF) 8 Page - NXP Semiconductors

Part # VT16501ADGG
Description  3.3V LVT 18-bit universal bus transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16501ADGG Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button VT16501ADGG Datasheet HTML 4Page - NXP Semiconductors VT16501ADGG Datasheet HTML 5Page - NXP Semiconductors VT16501ADGG Datasheet HTML 6Page - NXP Semiconductors VT16501ADGG Datasheet HTML 7Page - NXP Semiconductors VT16501ADGG Datasheet HTML 8Page - NXP Semiconductors VT16501ADGG Datasheet HTML 9Page - NXP Semiconductors VT16501ADGG Datasheet HTML 10Page - NXP Semiconductors VT16501ADGG Datasheet HTML 11Page - NXP Semiconductors VT16501ADGG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74LVT16501A
3.3V 18-bit universal bus transceiver (3-State)
1998 Feb 19
8
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
fMAX
Maximum clock frequency
1
150
MHz
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
0.5
0.5
1.9
1.9
4.2
4.2
5.4
5.4
ns
tPLH
tPHL
Propagation delay
CPAB to Bn or CPBA to An
1
1.0
1.0
3.2
3.2
5.4
5.4
6.4
6.4
ns
tPLH
tPHL
Propagation delay
LEAB to Bn or LEBA to An
3
1.0
1.0
2.4
2.9
5.4
5.4
6.4
6.4
ns
tPZH
tPZL
Output enable time
to High and Low level
5
6
1.0
1.0
2.4
2.2
3.9
3.9
4.6
5.2
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
5
6
1.0
1.0
2.8
3.2
5.2
5.2
5.6
5.6
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, High or Low
An to CPAB or Bn to CPBA
4
1.8
1.8
1.0
0.7
1.5
1.5
ns
th(H)
th(L)
Hold time, High or Low
An to CPAB or Bn to CPBA
4
0
0
0
0
0
0
ns
ts(H)
ts(L)
Setup time, High or Low
An to LEAB or Bn to CPBA
4
1.8
1.8
1.1
1.8
1.5
1.5
ns
th(H)
th(L)
Hold time, High or Low
An to LEAB or Bn to LEBA
4
0
0
0
0
0
0
ns
tw(H)
tw(L)
Pulse width, High or Low
CPAB or CPBA
1
1.2
1.2
0.8
0.8
1.5
1.5
ns
tw(H)
LEAB or LEBA pulse width, High
3
1.2
0.8
1.5
ns


Similar Part No. - VT16501ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT16500ADGG PHILIPS-VT16500ADGG Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
VT16500ADL PHILIPS-VT16500ADL Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
More results

Similar Description - VT16501ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
74LVT16501A PHILIPS-74LVT16501A_15 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74ALVT16501 PHILIPS-74ALVT16501 Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com