Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16543ADL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT16543ADL
Description  3.3V LVT 16-bit registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16543ADL Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT16543ADL Datasheet HTML 1Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 2Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 3Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 4Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 5Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 6Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 7Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 8Page - NXP Semiconductors 74LVT16543ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74LVT16543A
3.3V 16-bit registered transceiver (3-State)
1998 Feb 19
4
LOGIC DIAGRAM
D
LE
Q
D
LE
Q
DETAIL A
nB0
nB1
nA1
nB2
nA2
nB3
nA3
nB4
nA4
nB5
nA5
nB6
nA6
nB7
nA7
DETAIL A X 7
nOEAB
nEAB
nLEAB
nOEBA
nEBA
nLEBA
nA0
SH00039
FUNCTION TABLE
INPUTS
OUTPUTS
STATUS
nOEXX
nEXX
nLEXX
nAx or nBx
nBx or nAx
STATUS
H
X
X
X
Z
Disabled
X
H
X
X
Z
Disabled
L
L
L
L
h
l
Z
Z
Disabled + Latch
L
L
L
L
h
l
H
L
Latch + Display
L
L
L
L
L
L
H
L
H
L
Transparent
L
L
H
X
NC
Hold
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High transition of nLEXX or nEXX (XX = AB or BA)
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High transition of nLEXX or nEXX (XX = AB or BA)
X = Don’t care
↑ = Low-to-High transition of nLEXX or nEXX (XX = AB or BA)
NC= No change
Z = High impedance or “off ” state


Similar Part No. - 74LVT16543ADL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT16543ADGG NEXPERIA-74LVT16543ADGG Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
More results

Similar Description - 74LVT16543ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2952 PHILIPS-74LVT2952 Datasheet
102Kb / 12P
   3.3V LVT octal registered transceiver 3-State
1998 Feb 19
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
   3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com