Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T02-120PC1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T02-120PC1
Description  CMOS 8K x 8 TIMEKEEPER SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-120PC1 Datasheet(HTML) 4 Page - STMicroelectronics

  M48T02-120PC1 Datasheet HTML 1Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 2Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 3Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 4Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 5Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 6Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 7Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 8Page - STMicroelectronics M48T02-120PC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
M48T08, M48T08Y, M48T18
4/27
SUMMARY DESCRIPTION
The M48T08/18/08Y TIMEKEEPER® RAM is an
8K x 8 non-volatile static RAM and real time clock
which is pin and functional compatible with the
DS1643. The monolithic chip is available in two
special packages to provide a highly integrated
battery backed-up memory and real time clock so-
lution.
The M48T08/18/08Y is a non-volatile pin and func-
tion equivalent to any JEDEC standard 8K x 8
SRAM. It also easily fits into many ROM, EPROM,
and EEPROM sockets, providing the non-volatility
of PROMs without any requirement for special
WRITE timing or limitations on the number of
WRITEs that can be performed.
The 28-pin, 600mil DIP CAPHAT™ houses the
M48T08/18/08Y silicon with a quartz crystal and a
long- life lithium button cell in a single package.
The 28-pin, 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT® housing con-
taining the battery and crystal. The unique design
allows the SNAPHAT battery package to be
mounted on top of the SOIC package after the
completion of the surface mount process. Inser-
tion of the SNAPHAT housing after reflow pre-
vents potential battery and crystal damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SOIC and battery/crystal packages are
shipped separately in plastic anti-static tubes or in
Tape & Reel form. For the 28 lead SOIC, the bat-
tery/crystal package (e.g., SNAPHAT) part num-
ber is “M4T28-BR12SH” or “M4T32-BR12SH”
(see Table 17., page 25).
Figure 3. Logic Diagram
Table 1. Signal Names
AI01020
13
A0-A12
W
DQ0-DQ7
VCC
M48T08
M48T08Y
M48T18
G
E2
VSS
8
E1
INT
A0-A12
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
INT
Power Fail Interrupt (Open Drain)
E1
Chip Enable 1
E2
Chip Enable 2
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M48T02-120PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T02-150PC1 STMICROELECTRONICS-M48T02-150PC1 Datasheet
94Kb / 15P
   16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
M48T02-150PC1 STMICROELECTRONICS-M48T02-150PC1 Datasheet
251Kb / 19P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
M48T02-150PC1 STMICROELECTRONICS-M48T02-150PC1 Datasheet
200Kb / 24P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T02-150PC1 ARTSCHIP-M48T02-150PC1 Datasheet
6Mb / 21P
   TIMEKEEPER SRAM
logo
STMicroelectronics
M48T02-150PC1TR STMICROELECTRONICS-M48T02-150PC1TR Datasheet
251Kb / 19P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
More results

Similar Description - M48T02-120PC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK48T02 STMICROELECTRONICS-MK48T02 Datasheet
922Kb / 14P
   CMOS 2K x 8 TIMEKEEPER SRAM
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com