Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1090QC1-12V Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 1090QC1-12V
Description  Non-Relampable Neon-Incandescent Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

1090QC1-12V Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  1090QC1-12V Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
1050QC, 1051QC, 1052QC, 1053QC and 1090QC Series Non-Relampable
Neon-Incandescent Indicator Lights
* Incorporates G2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
Mounting: Will snap-fit into Ø.500/.505 hole in
panels .020/.100 thick. Push-on speednut SN0461
also available.
Mounting hole pattern on page SP2.
Terminals: Tinned brass
Lens: Polycarbonate
Bezel: Polished stainless steel.
For black finish add "X" after the series letter(s).
Housing: White Nylon
All dimensions
in inches.
C2A+R es is tor
1053QC 5*
1051QC 4
1051QC 3
-
1051QC 1
(208-250V )
Model No.
C2A+R es is tor
1052QC 5*
1050QC 4
1050QC 3
1050QC 2
1050QC 1
(105-125V AC )
Model No.
Lamp us ed
Green
White
Amber
Clear
Red
Lens C olor
Neon
#2162
1090QC 5-12V
1090QC 4-12V
1090QC 3-12V
-
1090QC 1-12V
(12V )
Model No.
#2187
1090QC 5-28V
1090QC 4-28V
1090QC 3-28V
-
1090QC 1-28V
(28V )
Model No.
Incandes cent
.310
TE R MINALS
.187
.910
.630
MAX .
Ø.500
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 1090QC1-12V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
1090QC1-12V VCC-1090QC1-12V Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results

Similar Description - 1090QC1-12V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD VCC-2330QD Datasheet
80Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050N CML-1050N Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050N VCC-1050N Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1030D VCC-1030D Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050A VCC-1050A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1030QD CML-1030QD Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com