Electronic Components Datasheet Search |
|
LMV324QPWR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
LMV324QPWR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 31 page LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS263Q − AUGUST 1999 − REVISED OCTOBER 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at TA = 25°C and VCC+ = 2.7 V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage 1.7 7 mV a V IO Average temperature coefficient of input offset voltage 5 mV/°C IIB Input bias current 11 250 nA IIO Input offset current 5 50 nA CMRR Common-mode rejection ratio VCM = 0 to 1.7 V 50 63 dB kSVR Supply-voltage rejection ratio VCC = 2.7 V to 5 V, VO = 1 V 50 60 dB VICR Common-mode input voltage range CMRR w 50 dB 0 to 1.7 −0.2 to 1.9 V Output swing RL = 10 kΩ to 1.35 V High level VCC − 100 VCC − 10 mV Output swing RL = 10 kΩ to 1.35 V Low level 60 180 mV LMV321I 80 170 ICC Supply current LMV358I (both amplifiers) 140 340 mA ICC Supply current LMV324I/LMV324SI (all four amplifiers) 260 680 mA B1 Unity-gain bandwidth CL = 200 pF 1 MHz Fm Phase margin 60 deg Gm Gain margin 10 dB Vn Equivalent input noise voltage f = 1 kHz 46 nV/ √Hz In Equivalent input noise current f = 1 kHz 0.17 pA/ √Hz shutdown characteristics (LMV324S) at TA = 25°C and VCC+ = 2.7 V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ICC(SHDN) Supply current in shutdown mode (per channel) SHDN ≤ 0.6 V 5 mA t(on) Amplifier turnon time AV = 1, RL = Open (measured at 50% point) 2 ms t(off) Amplifier turnoff time AV = 1, RL = Open (measured at 50% point) 40 ns |
Similar Part No. - LMV324QPWR |
|
Similar Description - LMV324QPWR |