Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T08-100MH1TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T08-100MH1TR
Description  CMOS 8K x 8 TIMEKEEPER SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08-100MH1TR Datasheet(HTML) 1 Page - STMicroelectronics

  M48T08-100MH1TR Datasheet HTML 1Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 2Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 3Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 4Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 5Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 6Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 7Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 8Page - STMicroelectronics M48T08-100MH1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
December 2005
M48T08
M48T08Y, M48T18
5V, 64 Kbit (8 Kb x8) TIMEKEEPER® SRAM
Rev 7.0
FEATURES SUMMARY
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL
CONTROL CIRCUIT, AND BATTERY
BYTEWIDE™ RAM-LIKE CLOCK ACCESS
BCD CODED YEAR, MONTH, DAY, DATE,
HOURS, MINUTES, and SECONDS
TYPICAL CLOCK ACCURACY OF ±1
MINUTE A MONTH, AT 25°C
AUTOMATIC POWER-FAIL CHIP
DESELECT AND WRITE PROTECTION
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
M48T08: VCC = 4.75 to 5.5V
4.5V
≤ VPFD ≤ 4.75V
M48T18/T08Y: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
SOFTWARE CONTROLLED CLOCK
CALIBRATION FOR HIGH ACCURACY
APPLICATIONS
SELF-CONTAINED BATTERY AND
CRYSTAL IN THE CAPHAT™ DIP
PACKAGE
PACKAGING INCLUDES A 28-LEAD SOIC
AND SNAPHAT® TOP (to be ordered
separately)
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP
WHICH CONTAINS THE BATTERY AND
CRYSTAL
PIN AND FUNCTION COMPATIBLE WITH
DS1643 and JEDEC STANDARD 8K x8
SRAMs
RoHS COMPLIANCE
Lead-free components are compliant with the
RoHS Directive.
Figure 1. 28-pin PCDIP, CAPHAT™ Package
Figure 2. 28-pin SOIC Package
28
1
PCDIP28 (PC)
Battery/Crystal
CAPHAT
28
1
SNAPHAT (SH)
Battery/Crystal
SOH28 (MH)


Similar Part No. - M48T08-100MH1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T08-150PC1 STMICROELECTRONICS-M48T08-150PC1 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
More results

Similar Description - M48T08-100MH1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK48T02 STMICROELECTRONICS-MK48T02 Datasheet
922Kb / 14P
   CMOS 2K x 8 TIMEKEEPER SRAM
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com