Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16500ADL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT16500ADL
Description  3.3V 18-bit universal bus transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16500ADL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT16500ADL Datasheet HTML 3Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 4Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 5Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 6Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 7Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 8Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 9Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 10Page - NXP Semiconductors 74LVT16500ADL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LVT16500A
3.3V 18-bit universal bus transceiver (3-State)
1998 Feb 19
7
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–.85
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC-0.2
VCC
VOH
High-level output voltage
VCC = 2.7V; IOH = –8mA
2.4
2.55
V
VCC = 3.0V; IOH = –32mA
2.0
2.30
VCC = 2.7V; IOL = 100µA
0.07
0.2
VCC = 2.7V; IOL = 24mA
0.3
0.5
VOL
Low-level output voltage
VCC = 3.0V; IOL = 16mA
0.25
0.4
V
VCC = 3.0V; IOL = 32mA
0.3
0.5
VCC = 3.0V; IOL = 64mA
0.36
0.55
VRST
Power-up output low voltage5
VCC = 3.6V; IO = 1mA; VI = GND or VCC
0.1
0.55
V
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
VCC = 0 or 3.6V; VI = 5.5V
Control pins
0.1
10
II
Input leakage current
VCC = 3.6V; VI = 5.5V
1.0
20
µA
VCC = 3.6V; VI = VCC
I/O Data pins4
0.1
10
VCC = 3.6V; VI = 0
0.1
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
1.0
±100
µA
Bus Hold current
VCC = 3V; VI = 0.8V
75
130
IHOLD
Bus Hold current
AorBoutputs7
VCC = 3V; VI = 2.0V
-75
–130
µA
A or B out uts7
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
40
±100
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.07
0.12
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
4
6
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 06
0.07
0.12
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
6. ICCZ is measured with outputs pulled to VCC or GND.
7. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - 74LVT16500ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16500ADL PHILIPS-74LVT16500ADL Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500ADL NEXPERIA-74LVT16500ADL Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
More results

Similar Description - 74LVT16500ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74ALVT16501 PHILIPS-74ALVT16501 Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com