Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4853H Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4853H
Description  3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4853H Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4853H Datasheet HTML 3Page - Maxim Integrated Products MAX4853H Datasheet HTML 4Page - Maxim Integrated Products MAX4853H Datasheet HTML 5Page - Maxim Integrated Products MAX4853H Datasheet HTML 6Page - Maxim Integrated Products MAX4853H Datasheet HTML 7Page - Maxim Integrated Products MAX4853H Datasheet HTML 8Page - Maxim Integrated Products MAX4853H Datasheet HTML 9Page - Maxim Integrated Products MAX4853H Datasheet HTML 10Page - Maxim Integrated Products MAX4853H Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Quad SPST Switches with Over-Rail Signal
Handling
_______________________________________________________________________________________
7
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
10
20
30
40
50
60
0
1.5
5.5
tON
tOFF
7
Ω SWITCH
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
22
24
26
28
30
32
34
20
-40
85
7
Ω SWITCH
tOFF
tON
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
0.8
1.0
1.2
1.4
1.6
0.6
1.5
5.5
VIN RISING
VIN FALLING
CHARGE INJECTION vs. COM VOLTAGE
COM VOLTAGE (V)
4
3
2
1
10
20
30
0
05
3.5
Ω SWITCH
VCC = 3V
VCC = 5V
CHARGE INJECTION vs. COM VOLTAGE
COM VOLTAGE (V)
4
3
2
1
10
20
30
0
05
7
Ω SWITCH
VCC = 3V
VCC = 5V
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
-40
85
3.5
Ω SWITCH
COM ON-LEAKAGE
COM OFF-LEAKAGE
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
-40
85
7
Ω SWITCH
COM ON-LEAKAGE
COM OFF-LEAKAGE
FREQUENCY RESPONSE
FREQUENCY (MHz)
100
10
1
-80
-60
-40
-20
0
20
-100
0.1
1000
3.5
Ω SWITCH
ON-RESPONSE
OFF-RESPONSE
CROSSTALK
FREQUENCY RESPONSE
FREQUENCY (MHz)
100
10
1
-80
-60
-40
-20
0
20
-100
0.1
1000
7
Ω SWITCH
ON-RESPONSE
OFF-RESPONSE
CROSSTALK
Typical Operating Characteristics (continued)
(VCC = 3.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4853H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX485 MAXIM-MAX485 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX485 MAXIM-MAX485 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4853H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4854 MAXIM-MAX4854 Datasheet
782Kb / 11P
   7Ω Quad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4850 MAXIM-MAX4850 Datasheet
636Kb / 16P
   Dual SPDT Analog Switches with Over-Rail Signal Handling
Rev 0; 7/04
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com