Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS6122-562MX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MSS6122-562MX
Description  SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSS6122-562MX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MSS6122-562MX Datasheet HTML 1Page - List of Unclassifed Manufacturers MSS6122-562MX Datasheet HTML 2Page - List of Unclassifed Manufacturers MSS6122-562MX Datasheet HTML 3Page - List of Unclassifed Manufacturers MSS6122-562MX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document 278-4
Specifications subject to change without notice.
Document 278-4
Revised 11/01/02
MSS6132Series
5
Irms5
DCR
SRF3
20°C 40°C
L ±20%2 max
typ
Isat4 rise
rise
Part number1
(µH)
( )
(MHz)
(A)
(A)
(A)
MSS6132-472MX_
4.7
0.056
65.0
1.80
2.30
3.10
MSS6132-562MX_
5.6
0.060
60.0
1.60
2.20
2.95
MSS6132-682MX_
6.8
0.065
47.0
1.50
2.10
2.80
MSS6132-822MX_
8.2
0.070
45.0
1.35
2.00
2.65
MSS6132-103MX_
10
0.085
39.0
1.30
1.90
2.50
MSS6132-123MX_
12
0.110
33.0
1.10
1.75
2.35
MSS6132-153MX_
15
0.135
27.0
1.00
1.65
2.20
MSS6132-183MX_
18
0.160
24.0
0.90
1.55
2.05
MSS6132-223MX_
22
0.190
21.0
0.83
1.45
1.90
MSS6132-273MX_
27
0.235
19.0
0.75
1.30
1.75
MSS6132-333MX_
33
0.310
18.0
0.68
1.20
1.60
MSS6132-393MX_
39
0.345
17.0
0.62
1.10
1.45
MSS6132-473MX_
47
0.380
16.0
0.56
0.95
1.30
MSS6132-563MX_
56
0.430
14.0
0.52
0.85
1.15
MSS6132-683MX_
68
0.580
12.0
0.47
0.73
1.00
MSS6132-823MX_
82
0.640
10.0
0.43
0.60
0.85
MSS6132-104MX_
100
0.820
9.0
0.39
0.50
0.69
1. When ordering, please specify packaging code:
MSS6132-823MX_
Packaging code:
C = 7
″ machine-ready reel EIA-481 embossed plastic tape (500 per full reel).
B = Less than full reel
In tape, but not machine-ready. To have a
leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel EIA-481 embossed plastic tape. Factory
order only, not stocked (1500 per reel per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. SRF measured using Agilent/HP 4191A or equilvalent.
4. DC current at which the inductance drops 10% (typ) from its value without
current.
5. Average current for temperature rise above 25°C ambient.
6. Operating temperature range
−40°C to +85°C.
7. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.
Typical L vs Current
Typical L vs Frequency


Similar Part No. - MSS6122-562MX

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS6122-562ML COILCRAFT-MSS6122-562ML Datasheet
437Kb / 2P
   SMT Power Inductors
MSS6122-562ML COILCRAFT-MSS6122-562ML Datasheet
310Kb / 2P
   Shielded Power Inductors ??MSS6122
MSS6122-562ML COILCRAFT-MSS6122-562ML Datasheet
306Kb / 2P
   Shielded Power Inductors
MSS6122-562MLB COILCRAFT-MSS6122-562MLB Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
MSS6122-562MLC COILCRAFT-MSS6122-562MLC Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
More results

Similar Description - MSS6122-562MX

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com