Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS6122-472MX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSS6122-472MX
Description  SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSS6122-472MX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSS6122-472MX Datasheet HTML 1Page - List of Unclassifed Manufacturers MSS6122-472MX Datasheet HTML 2Page - List of Unclassifed Manufacturers MSS6122-472MX Datasheet HTML 3Page - List of Unclassifed Manufacturers MSS6122-472MX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMTPowerInductors-MSSSeries
Document 278-1
Specifications subject to change without notice.
Document 278-1
Revised 10/16/02
The MSS series is ideal for applications requiring high
power and high efficiency such as notebook computers,
PC cards, cellular phone handsets, and handheld prod-
ucts. These magnetically shielded, low-profile power
inductors are designed for high-density mounting and are
available on tape and reel for auto-insertion. Their indus-
try-standard shape and flat-top design ensures reliable
pick and place handling.
They are available in three families with inductance
ratings from 2.2 to 390 µH. These inductors can handle
current as high as 1.9 Amps and offer DC resistance as
low as 0.023 Ohms.
Free evaluation samples are available by contacting
Coilcraft or ordering them on-line at www.coilcraft.com.
Series
A max
B max
C max
D typ
E typ
F typ
G min
H max
I min
MSS5131
0.200
0.200
0.122
0.181
0.063
0.181
0.197
0.063
0.197
5,1
5,1
3,1
4,6
1,6
4,6
5,0
1,6
5,0
MSS6122
0.240
0.240
0.087
0.220
0.079
0.220
0.237
0.079
0.237
6,1
6,1
2,2
5,6
2,0
5,6
6,0
2,0
6,0
MSS6132
0.240
0.240
0.126
0.220
0.079
0.220
0.237
0.079
0.237
6,1
6,1
3,2
5,6
2,0
5,6
6,0
2,0
6,0
MSS5131:
Parts/reel: 7
″ 400; 13″ 1500 Tape width: 16 mm
MSS6122:
Parts/reel: 7
″ 500; 13″ 1500 Tape width: 16 mm
MSS6132:
Parts/reel: 7
″ 500; 13″ 1500 Tape width: 16 mm
For packaging data see Tape and Reel Specifications section.
C max
H max
G min
I min
Recommended
Land Pattern
E typ
D typ
F typ
A max
B max
XXX


Similar Part No. - MSS6122-472MX

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS6122-472ML COILCRAFT-MSS6122-472ML Datasheet
437Kb / 2P
   SMT Power Inductors
MSS6122-472ML COILCRAFT-MSS6122-472ML Datasheet
310Kb / 2P
   Shielded Power Inductors ??MSS6122
MSS6122-472ML COILCRAFT-MSS6122-472ML Datasheet
306Kb / 2P
   Shielded Power Inductors
MSS6122-472MLB COILCRAFT-MSS6122-472MLB Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
MSS6122-472MLC COILCRAFT-MSS6122-472MLC Datasheet
279Kb / 2P
   Shielded Power Inductors - MSS6122
More results

Similar Description - MSS6122-472MX

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com