Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALE15F48 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # ALE15F48
Description  16A Power Relay For Micro wave oven
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALE15F48 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  ALE15F48 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALE15F48 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALE15F48 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ALE15F48 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
46
LE
3. Electrical life test (16 A 277 V AC, resistive load)
Sample: ALE15B12, 6 pcs.
Operation frequency: 20 times/min.
(ON/OFF = 1.5s: 1.5s)
Ambient temperature: Room temperature
Circuit:
0
0
20
10
40
30
50
60
70
10
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
60Hz
12V DC
COM
NO
G
277V AC
For Cautions for Use, see Relay Technical Information (Page 11 to 39).
REFERENCE DATA
1-1. Coil temperature rise (400mW type)
Sample: ALE15B12, 6 pcs.
Point measured: coil inside
Ambient temperature: 25°C 77
°F, 85°C 185°F
1-2. Coil temperature rise (200mW type)
Sample: ALE75B12, 6 pcs.
Point measured: coil inside
Ambient temperature: 23.7°C 74.66
°F, 85°C 185°F
2. Life curve
80
0
0
10
20
30
40
Coil applied voltage, %V
50
60
100
145
12A
12A
16A
0A
16A
0A
85
°C
25
°C
100
10
1
2
0
4
6
8
10
12
14
16
250V AC resistive load
Contact current, A
80
0
0
5
10
15
20
Coil applied voltage, %V
25
30
100
145
16A
0A
16A
0A
85
°C
23.7
°C
2. PCB type
PCB side four terminals
(No tab terminals)
mm inch
1.0
.039
2.45
.096
1.0
.039
1.8
.071
3.5
.138
0.4
.016
0.5
.020
3.5
.138
24.9
.980
28.6
1.126
20.0
.787
7.5
.295
12.4
.488
Dimension:
Max. 1mm .039 inch:
1 to 3mm .039 to .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
20.0
.787
3.5
.138
4-1.3 dia
.071 dia
7.5
.295
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
No
Com
Coil
Schematic (Bottom view)
12/27/2002
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - ALE15F48

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE1500T2 ASB-ALE1500T2 Datasheet
460Kb / 3P
   Internally Matched LNA Module
October 2009
ALE1500T2 ASB-ALE1500T2 Datasheet
210Kb / 3P
   Internally Matched LNA Module
September 2017
ALE1500T2 ASB-ALE1500T2_13 Datasheet
548Kb / 3P
   Internally Matched LNA Module
October 2009
ALE1500T2 ASB-ALE1500T2_17 Datasheet
210Kb / 3P
   Internally Matched LNA Module
September 2017
More results

Similar Description - ALE15F48

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE12B05 PANASONIC-ALE12B05 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com