Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1117-33CY Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1117-33CY
Description  800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1117-33CY Datasheet(HTML) 1 Page - International Rectifier

  IRU1117-33CY Datasheet HTML 1Page - International Rectifier IRU1117-33CY Datasheet HTML 2Page - International Rectifier IRU1117-33CY Datasheet HTML 3Page - International Rectifier IRU1117-33CY Datasheet HTML 4Page - International Rectifier IRU1117-33CY Datasheet HTML 5Page - International Rectifier IRU1117-33CY Datasheet HTML 6Page - International Rectifier IRU1117-33CY Datasheet HTML 7Page - International Rectifier IRU1117-33CY Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRU1117-33
1
Rev. 1.5
02/04/03
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU1117-33 is a low dropout three-terminal fixed out-
put regulator with minimum of 800mA output current ca-
pability. This product is specifically designed to provide
well regulated supply for low voltage IC applications such
as VGA, sound & DVD cards. The IRU1117-33 is guar-
anteed to have <1.2V dropout at full load current making
it ideal to provide well regulated with 4.75V to 7V input
supply. The IRU1117-33 is specifically designed to be
stable with low cost aluminum capacitors while main-
taining stability with low ESR tantalum caps.
800mA LOW DROPOUT POSITIVE
FIXED 3.3V REGULATOR
Figure 1 - Typical application of IRU1117-33 in a 5V to 3.3V regulator.
TJ (°C)
2-PIN PLASTIC
2-PIN PLASTIC
8-PIN PLASTIC
3-PIN PLASTIC
TO-252 (D-Pak)
Ultra Thin-PakTM (P)
SOIC (S)
SOT-223 (Y)
0 To 150
IRU1117-33CD
IRU1117-33CP
IRU1117-33CS
IRU1117-33CY
Data Sheet No. PD94172
PACKAGE ORDER INFORMATION
FEATURES
VGA & Sound Card Applications
Standard 3.3V Chip Set and Logic Applications
Guaranteed < 1.2V Dropout at 800mA Load
Current
Fast Transient Response
1% Output Voltage Initial Accuracy
Built-In Thermal Shutdown
Available in SOT-223, D-Pak, Ultra Thin-PakTM
and 8-Pin SOIC Surface-Mount Packages
APPLICATIONS
5V
3.3V / 800mA
C1
10uF
C2
10uF
IRU1117-33
3
1
2
VIN
VOUT
Gnd


Similar Part No. - IRU1117-33CY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CSPBF IRF-IRU1117-18CSPBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1117-33CY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18PBF IRF-IRU1117-18PBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-25 IRF-IRU1117-25 Datasheet
60Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
    5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com