Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16244B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT16244B
Description  3.3V LVT 16-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16244B Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT16244B Datasheet HTML 1Page - NXP Semiconductors 74LVT16244B Datasheet HTML 2Page - NXP Semiconductors 74LVT16244B Datasheet HTML 3Page - NXP Semiconductors 74LVT16244B Datasheet HTML 4Page - NXP Semiconductors 74LVT16244B Datasheet HTML 5Page - NXP Semiconductors 74LVT16244B Datasheet HTML 6Page - NXP Semiconductors 74LVT16244B Datasheet HTML 7Page - NXP Semiconductors 74LVT16244B Datasheet HTML 8Page - NXP Semiconductors 74LVT16244B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16244B
3.3V 16-bit buffer/driver (3-State)
2
1998 Oct 07
853-1778 20144
FEATURES
16-bit bus interface
3-State buffers
Output capability: +64mA/-32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Power-up 3-State
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74LVT16244B is a high-performance BiCMOS product
designed for VCC operation at 3.3V.
This device is a 16-bit buffer and line driver featuring non-inverting
3-State bus outputs. The device can be used as four 4-bit buffers,
two 8-bit buffers, or one 16-bit buffer.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF;
VCC = 3.3V
1.8
ns
CIN
Input capacitance nOE
VI = 0V or 3.0V
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
9
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVT16244B DL
VT16244B DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVT16244B DGG
VT16244B DGG
SOT362-1
LOGIC SYMBOL
1OE
1
1A0
47
1A1
46
1A2
44
1A3
43
2OE
48
2A0
41
2A1
2
40
2A2
38
3
2A3
37
5
6
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
8
9
11
12
3OE
25
3A0
36
3A1
35
3A2
33
3A3
32
4OE
24
4A0
30
4A1
13
29
4A2
27
14
4A3
26
16
17
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
19
20
22
23
SA00014


Similar Part No. - 74LVT16244B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16244B PHILIPS-74LVT16244B Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVT16244B NXP-74LVT16244B Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
logo
Nexperia B.V. All right...
74LVT16244B NEXPERIA-74LVT16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT16244BBQ NXP-74LVT16244BBQ Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT16244BBQ NXP-74LVT16244BBQ Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
More results

Similar Description - 74LVT16244B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
   3.3V ABT 16-bit buffer/driver 3-State
July 1994
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com