Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5805A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HFCT-5805A
Description  155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5805A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HFCT-5805A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5805A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Figure 4. Recommended Board Layout Hole Pattern
20.32
(0.800)
TOP VIEW
2 x Ø 1.9 ± 0.1
(0.075 ± 0.004)
20.32
(0.800)
2.54
(0.100)
9 x Ø 0.8 ± 0.1
(0.032 ± 0.004)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
used. Ferrite beads can be used to
replace the coil inductors when
using quieter VCC supplies, but a
coil inductor is recommended
over a ferrite bead. All power
supply components need to be
placed physically next to the VCC
pins of the receiver and
transmitter. Use a good, uniform
ground plane with a minimum
number of holes to provide a low-
inductance ground current return
for the power supply currents.
In addition to these
recommendations, Agilent’s
Application Engineering staff is
available for consulting on best
layout practices with various
vendors mux/demux, clock
generator and clock recovery
circuits. Agilent has participated
in several reference design
studies and is prepared to share
the findings of these studies with
interested customers. Contact
your local Agilent sales
representative to arrange for this
service.
Evaluation Circuit Boards
Evaluation circuit boards are
available from Agilent’s
Application Engineering staff.
Contact your local Agilent sales
representative to arrange for
access to one if needed.
Recommended Solder and Wash
Process
The HFCT-5805 is compatible
with industry standard wave or
hand solder processes.
A drying cycle must be
completed after wash process to
remove all moisture from the
module.
HFCT-5805 Process Plug
The HFCT-5805 transceiver is
supplied with a process plug for
protection of the optical ports
with the Duplex SC connector
receptacle. This process plug
prevents contamination during
wave solder and aqueous rinse as
well as during handling, shipping
or storage. It is made of
high-temperature, molded,
sealing material that will
withstand +85°C and a rinse
pressure of 110 lb/in2.
Recommended Solder Fluxes
and Cleaning/Degreasing
Chemicals
Solder fluxes used with the
HFCT-5805 fiber-optic transceiver
should be water-soluble, organic
solder fluxes. Some recommended
solder fluxes are Lonco 3355-11
from London Chemical West, Inc.
of Burbank, CA, and 100 Flux
from Alpha- metals of Jersey
City, NJ.
Recommended cleaning and
degreasing chemicals for the
HFCT-5805 are alcohol’s (methyl,
isopropyl, isobutyl), aliphatics
(hexane, heptane) and other
chemicals, such as soap solution
or naphtha. Do not use partially
halogenated hydrocarbons for
cleaning/degreasing. Examples of
chemicals to avoid are 1.1.1.
trichloroethane, ketones (such as
MEK), acetone, chloroform, ethyl
acetate, methylene dichloride,
phenol, methylene chloride or
N-methylpyrolldone.


Similar Part No. - HFCT-5805A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
HFCT-5103D HP-HFCT-5103D Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205A HP-HFCT-5205A Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205B HP-HFCT-5205B Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5805A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815XZ AVAGO-AFCT-5815XZ Datasheet
313Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM
AFCT-5805BZ AVAGO-AFCT-5805BZ_15 Datasheet
331Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com