Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESDXL1BA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESDXL1BA
Description  Low capacitance bidirectional ESD protection diodes in
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXL1BA Datasheet(HTML) 1 Page - NXP Semiconductors

  PESDXL1BA Datasheet HTML 1Page - NXP Semiconductors PESDXL1BA Datasheet HTML 2Page - NXP Semiconductors PESDXL1BA Datasheet HTML 3Page - NXP Semiconductors PESDXL1BA Datasheet HTML 4Page - NXP Semiconductors PESDXL1BA Datasheet HTML 5Page - NXP Semiconductors PESDXL1BA Datasheet HTML 6Page - NXP Semiconductors PESDXL1BA Datasheet HTML 7Page - NXP Semiconductors PESDXL1BA Datasheet HTML 8Page - NXP Semiconductors PESDXL1BA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Bidirectional ElectroStatic Discharge (ESD) protection diodes in a very small SOD323
(SC-76) SMD plastic package designed to protect one signal line from the damage
caused by ESD and other transients.
1.2 Features
1.3 Applications
1.4 Quick reference data
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in
SOD323
Rev. 01 — 4 October 2004
Product data sheet
s Bidirectional ESD protection of one line s ESD protection > 23 kV
s Max. peak pulse power: Ppp = 500 W
s IEC 61000-4-2, level 4 (ESD)
s Low clamping voltage: V(CL)R = 26 V
s IEC 61000-4-5 (surge); Ipp = 18 A
s Ultra low leakage current: IRM < 0.09 µA s Very small SMD plastic package.
s Computers and peripherals
s Data lines
s Communication systems
s CAN bus protection.
s Audio and video equipment
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
PESD3V3L1BA
-
-
3.3
V
PESD5V0L1BA
-
-
5.0
V
PESD12VL1BA
-
-
12
V
PESD15VL1BA
-
-
15
V
PESD24VL1BA
-
-
24
V
Cd
diode capacitance
VR = 0 V;
f=1MHz
PESD3V3L1BA
-
101
-
pF
PESD5V0L1BA
-
75
-
pF
PESD12VL1BA
-
19
-
pF
PESD15VL1BA
-
16
-
pF
PESD24VL1BA
-
11
-
pF


Similar Part No. - PESDXL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
More results

Similar Description - PESDXL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESDXL2BT PHILIPS-PESDXL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
Nexperia B.V. All right...
PESDXL2BT_SER NEXPERIA-PESDXL2BT_SER Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com