Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX259MEL Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC74LVX259MEL
Description  8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX259MEL Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74LVX259MEL Datasheet HTML 3Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 4Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 5Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 6Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 7Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 8Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 9Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 10Page - ON Semiconductor MC74LVX259MEL Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC74LVX259
http://onsemi.com
9
13.0 mm
±0.2 mm
(0.512”
±0.008”)
1.5 mm MIN
(0.06”)
50 mm MIN
(1.969”)
20.2 mm MIN
(0.795”)
FULL RADIUS
t MAX
G
A
Figure 12. Reel Dimensions
REEL DIMENSIONS
Tape Size
T&R Suffix
A Max
G
t Max
8 mm
T1, T2
178 mm
(7”)
8.4 mm, +1.5 mm, –0.0
(0.33” + 0.059”, –0.00)
14.4 mm
(0.56”)
8 mm
T3, T4
330 mm
(13”)
8.4 mm, +1.5 mm, –0.0
(0.33” + 0.059”, –0.00)
14.4 mm
(0.56”)
12 mm
R2
330 mm
(13”)
12.4 mm, +2.0 mm, –0.0
(0.49” + 0.079”, –0.00)
18.4 mm
(0.72”)
16 mm
R2
360 mm
(14.173”)
16.4 mm, +2.0 mm, –0.0
(0.646” + 0.078”, –0.00)
22.4 mm
(0.882”)
24 mm
R2
360 mm
(14.173”)
24.4 mm, +2.0 mm, –0.0
(0.961” + 0.078”, –0.00)
30.4 mm
(1.197”)
DIRECTION OF FEED
BARCODE LABEL
HOLE
POCKET
Figure 13. Reel Winding Direction


Similar Part No. - MC74LVX259MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259MEL ONSEMI-MC74LVX259MEL Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259MELG ONSEMI-MC74LVX259MELG Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
More results

Similar Description - MC74LVX259MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
MC74LVX259 ONSEMI-MC74LVX259_05 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com