Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX4051DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX4051DR2
Description  Analog Multiplexer/ Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4051DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX4051DR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX4051DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 5
1
Publication Order Number:
MC74LVX4051/D
MC74LVX4051
Analog Multiplexer/
Demultiplexer
High–Performance Silicon–Gate CMOS
The MC74LVX4051 utilizes silicon–gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low leakage
currents. This analog multiplexer/demultiplexer controls analog
voltages that may vary across the complete power supply range (from
VCC to VEE).
The LVX4051 is similar in pinout to the LVX8051, the HC4051A,
and the metal–gate MC14051B. The Channel–Select inputs determine
which one of the Analog Inputs/Outputs is to be connected, by means
of an analog switch, to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
CMOS outputs. These inputs are over–voltage tolerant (OVT) for
level translation from 6.0 V down to 3.0 V.
This device has been designed so the ON resistance (RON) is more
linear over input voltage than the RON of metal–gate CMOS analog
switches and High–Speed CMOS analog switches.
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Analog Power Supply Range (V
CC – VEE) =
*3.0 V to )3.0 V
Digital (Control) Power Supply Range (V
CC – GND) = 2.5 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal–Gate,
HSL, or VHC Counterparts
Low Noise
Designed to Operate on a Single Supply with V
EE = GND, or Using
Split Supplies up to
$ 3.0 V
Break–Before–Make Circuitry
http://onsemi.com
SO–16
D SUFFIX
CASE 751B
TSSOP–16
DT SUFFIX
CASE 948F
SO EIAJ–16
M SUFFIX
CASE 966
1
8
9
16
1
8
16
9
18
LVX4051
AWLYYWW
MARKING DIAGRAMS
LVX
4051
AWLYWW
LVX4051
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX4051D
SO–16
48 Units/Rail
MC74LVX4051DR2
SO–16
2500 Units/Reel
MC74LVX4051DT
TSSOP–16
96 Units/Rail
MC74LVX4051DTR2 TSSOP–16 2500 Units/Reel
MC74LVX4051M
SO EIAJ–16
48 Units/Rail
MC74LVX4051MEL
SO EIAJ–16 2000 Units/Reel
9
16


Similar Part No. - MC74LVX4051DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4051DR2 ONSEMI-MC74LVX4051DR2 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX4051DR2G ONSEMI-MC74LVX4051DR2G Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX4051DR2G ONSEMI-MC74LVX4051DR2G Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results

Similar Description - MC74LVX4051DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com