Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX259DR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LVX259DR2
Description  8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX259DR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74LVX259DR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 9Page - ON Semiconductor MC74LVX259DR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC74LVX259
http://onsemi.com
6
TIMING REQUIREMENTS Input tr = tf = 3.0 ns
TA = 25°C
TA = ≤ 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tw
Minimum Pulse Width,
Reset or Enable
VCC = 2.7 V
4.5
5.0
ns
Reset or Enable
(Figure 8)
VCC = 3.3 V ± 0.3 V
4.5
5.0
tsu
Minimum Setup Time,
Address or Data to Enable
VCC = 2.7 V
4.0
4.0
ns
Address or Data to Enable
(Figure 8)
VCC = 3.3 V ± 0.3 V
3.0
3.0
th
Minimum Hold Time,
Enable to Address or Data
VCC = 2.7 V
2.0
2.0
ns
Enable to Address or Data
(Figure 7 or 8)
VCC = 3.3 V ± 0.3 V
2.0
2.0
tr, tf
Maximum Input,
Rise and Fall Times
VCC = 2.7 V
400
300
ns
Rise and Fall Times
(Figure 5)
VCC = 3.3 V ± 0.3 V
300
300
*Includes all probe and jig capacitance
Figure 5. Switching Waveform
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
OUTPUT
Q
DATA
IN
50%
tPLH
tPHL
tf
GND
VCC
50%
Figure 6. Switching Waveform
tr
50%
50%
tPHL
50%
tPHL
DATA
IN
ADDRESS
SELECT
OUTPUT
Q
VCC
GND
VCC
GND
VCC
GND
Figure 7. Switching Waveform
Figure 8. Switching Waveform
Figure 9. Switching Waveform
50%
tw
50%
tPHL
DATA IN
OUTPUT Q
RESET
VCC
GND
VCC
GND
VCC
GND
VCC
GN
D
DATA IN
OUTPUT Q
ENABLE
DATA IN OR
ADDRESS
SELECT
ENABLE
VCC
GND
VCC
GND
tw
tw
50%
50%
50%
tPHL
tPHL
50%
50%
tsu
th(H)
th(H)
tsu
Figure 10. Test Circuit


Similar Part No. - MC74LVX259DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259DR2 ONSEMI-MC74LVX259DR2 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259DR2G ONSEMI-MC74LVX259DR2G Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74LVX259DR2G ONSEMI-MC74LVX259DR2G Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX259DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
MC74LVX259 ONSEMI-MC74LVX259_05 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com