Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT14PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVT14PW
Description  3.3V Hex inverter Schmitt trigger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT14PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVT14PW Datasheet HTML 2Page - NXP Semiconductors 74LVT14PW Datasheet HTML 3Page - NXP Semiconductors 74LVT14PW Datasheet HTML 4Page - NXP Semiconductors 74LVT14PW Datasheet HTML 5Page - NXP Semiconductors 74LVT14PW Datasheet HTML 6Page - NXP Semiconductors 74LVT14PW Datasheet HTML 7Page - NXP Semiconductors 74LVT14PW Datasheet HTML 8Page - NXP Semiconductors 74LVT14PW Datasheet HTML 9Page - NXP Semiconductors 74LVT14PW Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
74LVT14
3.3V Hex inverter Schmitt trigger
1996 Aug 28
8
TSSOP14:
plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1


Similar Part No. - 74LVT14PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT14PW NXP-74LVT14PW Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Nexperia B.V. All right...
74LVT14PW NEXPERIA-74LVT14PW Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
More results

Similar Description - 74LVT14PW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com