Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP4-M-DC12V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # HP4-M-DC12V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP4-M-DC12V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  HP4-M-DC12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP4-M-DC12V Datasheet HTML 9Page - Nais(Matsushita Electric Works) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HP
412
Contact rating and expected life For DC load type
Voltage
24 V DC
125 V DC
Expected life
(min. operations)
Electrical
life
Load
Resistive (cos
ϕ
]
1)
Inductive (cos
ϕ
]
0.4)
Resistive (cos
ϕ
]
1)
Inductive (cos
ϕ
]
0.4)
Current
—7 A—
2
×105
7.5 A
5 A
0.5 A
0.4 A
5
×105
5 A
3 A
0.3 A
0.2 A
1
×106
1A
0.6 A
0.1 A
0.06 A
2
×106
Mechanical life
1
×107
Life curve
Notes:
1. For DC inductive loads, use an arc suppress-
ing circuit.
2. When used under a DC load operating at
high repetition rate with considerable arcing,
corrosion of the contacts and/or the contact
blades is likely to occur. When using the relay
under conditions of high temperature, humidity
or high repetition rate, it is suggested that the
relay cover be removed to facilitate extended
operation.
10
0
100
200
300
400
500
600
700
800
900
1,000
Load current, A
125 V AC
cosϕ = 1
5
0
V AC
cosϕ = 1
Mechanical life
more than 10,000,000
operations
TYPICAL APPLICATIONS
HP relays enjoy wide use in various appli-
cations, particularly in automation con-
trols and remote controls.
Applications include:
Industrial machinery
Machine tool
Food processing packing machines
Office equipment
Coin operate devices
Home appliances
Transportation
Communication and measuring devices
Amusement devices
ORDERING INFORMATION
Ex.
HP
3
Contact arrangement
2: 2 Form C
3: 3 Form C
4: 4 Form C
(Notes) 1. For UL/CSA or VDE recognized types, add suffix UL/CSA or VDE (HP2-TM type VDE application under way)
2. Standard packing Carton: 50 pcs. Case: 200 pcs.
3. UL/CSA approved type is standard.
Nil: Standard plug-in terminal
M: Direct mounting (3 Form C only)
TM: Top mounting (2 Form C only)
L: Lamp wired, standard plug-in terminal
AC 6, 12, 24, 48,
115, 220, 240 V
DC 6, 12, 24, 48,
110 V
Terminal
Coil voltage
M
AC240V
TYPES AND COIL DATA
1. Standard plug-in terminal type (without lamp wired)
DC TYPES at 20
°C 68°F
Type
Part No.
Nominal coil
voltage, V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Max.
allowable
voltage, V DC
Coil
resistance,
Ω (±10%)
Nominal coil
current, mA
Nominal
operating
power, W
2 Form C
HP2-DC6V
6
4.8
0.9
6.6
25
240
1.5
HP2-DC12V
12
9.6
1.8
13.2
110
109
1.3
HP2-DC24V
24
19.2
3.6
26.4
440
54.5
1.3
HP2-DC48V
48
38.4
7.2
52.8
1,800
26.7
1.3
HP2-DC110V
110
88
16.5
121
7,300
15.0
1.7
3 Form C
HP3-DC6V
6
4.8
0.9
6.6
24
250
1.5
HP3-DC12V
12
9.6
1.8
13.2
100
120
1.4
HP3-DC24V
24
19.2
3.6
26.4
400
60
1.4
HP3-DC48V
48
38.4
7.2
52.8
1,560
31
1.5
HP3-DC110V
110
88
16.5
121
7,450
14.9
1.6
4 Form C
HP4-DC6V
6
4.8
0.9
6.6
22
273
1.6
HP4-DC12V
12
9.6
1.8
13.2
95
127
1.5
HP4-DC24V
24
19.2
3.6
26.4
380
63
1.5
HP4-DC48V
48
38.4
7.2
52.8
1,500
32
1.5
HP4-DC110V
110
88
16.5
121
7,000
15.7
1.7


Similar Part No. - HP4-M-DC12V

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP4-0047L COILCRAFT-HP4-0047L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP4-0047L COILCRAFT-HP4-0047L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP4-0060L COILCRAFT-HP4-0060L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP4-0060L COILCRAFT-HP4-0060L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP4-0075L COILCRAFT-HP4-0075L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP4-M-DC12V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com