Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1387D-250BGXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1387D-250BGXC
Description  18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387D-250BGXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1387D-250BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
PRELIMINARY
CY7C1386D
CY7C1387D
Document #: 38-05545 Rev. *A
Page 3 of 30
Pin Configurations
DQPB
DQB
DQB
VDDQ
VSSQ
DQB
DQB
DQB
DQB
VSSQ
VDDQ
DQB
DQB
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSSQ
DQA
DQA
DQA
DQA
VSSQ
VDDQ
DQA
DQA
DQPA
DQPC
DQC
DQC
VDDQ
VSSQ
DQC
DQC
DQC
DQC
VSSQ
VDDQ
DQC
DQC
VDD
NC
VSS
DQD
DQD
VDDQ
VSSQ
DQD
DQD
DQD
DQD
VSSQ
VDDQ
DQD
DQD
DQPD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CY7C1386D
(512K X 36)
NC
A
NC
NC
VDDQ
VSSQ
NC
DQPA
DQA
DQA
VSSQ
VDDQ
DQA
DQA
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSSQ
DQA
DQA
NC
NC
VSSQ
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQB
DQB
VSSQ
VDDQ
DQB
DQB
VDD
NC
VSS
DQB
DQB
VDDQ
VSSQ
DQB
DQB
DQPB
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CY7C1387D
(1M x 18)
NC
100-pin TQFP Pinout (3 Chip Enables)


Similar Part No. - CY7C1387D-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387D-250BZC CYPRESS-CY7C1387D-250BZC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-250BZI CYPRESS-CY7C1387D-250BZI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-250BZXC CYPRESS-CY7C1387D-250BZXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-250BZXI CYPRESS-CY7C1387D-250BZXI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387D-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com