Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE1A1B-9V Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # DE1A1B-9V
Description  COMPACT HIGH-INSULATION POLARIZED POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DE1A1B-9V Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  DE1A1B-9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DE1A1B-9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DE1A1B-9V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DE1A1B-9V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DE1A1B-9V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DE
248
3.-(2) Coil temperature rise (1 Form A 1 Form B)
Tested sample: DE1a1b-5V
Quantity: n=6
Ambient temperature: 25
°C to 70°C 77°F to 158°F
3.-(3) Coil temperature rise (2 Form A)
Tested sample: DE2a-5V
Quantity: n=6
Ambient temperature: 25
°C to 70°C 77°F to 158°F
4.-(1) Operate/release time (1 Form A)
Tested sample: DE1a-5V
Quantity: n=5
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
8A
8A
25
°C 77°F
70
°C 158°F
Coil applied voltage, %V
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
8A
8A
25
°C 77°F
70
°C 158°F
Coil applied voltage, %V
9
8
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Max.
Min.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
4.-(2) Operate/release time (1 Form A 1 Form B)
Tested sample: DE1a1b-5V, Quantity: n=5
4.-(3) Operate/release time (2 Form A)
Tested sample: DE2a-5V, Quantity: n=5
5.-(1) Ambient temperature characteristics
(1 Form A)
Tested sample: DE1a-5V, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Max.
Min.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
8
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Min.
Max.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
–40
–40
–20
–4
20
68
–30
–20
–10
0
10
20
30
40
104
60
140
80
176
0
32
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
5.-(2) Ambient temperature characteristics
(1 Form A 1 Form B)
Tested sample: DE1a1b-5V, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
5.-(3) Ambient temperature characteristics
(2 Form A)
Tested sample: DE2a-5V, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
–30
–20
–10
0
10
20
30
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
–40
–40
–20
–4
20
68
40
104
60
140
80
176
0
32
–30
–20
–10
0
10
20
30
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
–40
–40
–20
–4
20
68
40
104
60
140
80
176
0
32
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - DE1A1B-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
More results

Similar Description - DE1A1B-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com