Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT126PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT126PW
Description  3.3V Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT126PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT126PW Datasheet HTML 1Page - NXP Semiconductors 74LVT126PW Datasheet HTML 2Page - NXP Semiconductors 74LVT126PW Datasheet HTML 3Page - NXP Semiconductors 74LVT126PW Datasheet HTML 4Page - NXP Semiconductors 74LVT126PW Datasheet HTML 5Page - NXP Semiconductors 74LVT126PW Datasheet HTML 6Page - NXP Semiconductors 74LVT126PW Datasheet HTML 7Page - NXP Semiconductors 74LVT126PW Datasheet HTML 8Page - NXP Semiconductors 74LVT126PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVT126
3.3V Quad buffer (3-State)
1998 Feb 19
3
LOGIC SYMBOL (IEEE/IEC)
1
3
2
EN
4
6
5
10
8
9
13
11
12
1
SV00134
FUNCTION TABLE
INPUTS
OUTPUTS
OEn
An
Yn
H
L
L
H
H
H
L
X
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance ”off ” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
VI
DC input voltage3
–0.5 to +7.0
V
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
IO
DC output current
Output in Low state
128
mA
IOUT
DC output current
Out in High State
–64
mA
IIK
DC input diode current
VI < 0
–50
mA
IOK
DC output diode current
VO < 0
–50
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
MAX
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%, f ≥ 1kHz
64
mA
∆t/∆v
Input transition rise or fall rate; outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - 74LVT126PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT126PW PHILIPS-74LVT126PW Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126PW NEXPERIA-74LVT126PW Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
More results

Similar Description - 74LVT126PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com