Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1857 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1857
Description  Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1857 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1857 Datasheet HTML 1Page - Maxim Integrated Products DS1857 Datasheet HTML 2Page - Maxim Integrated Products DS1857 Datasheet HTML 3Page - Maxim Integrated Products DS1857 Datasheet HTML 4Page - Maxim Integrated Products DS1857 Datasheet HTML 5Page - Maxim Integrated Products DS1857 Datasheet HTML 6Page - Maxim Integrated Products DS1857 Datasheet HTML 7Page - Maxim Integrated Products DS1857 Datasheet HTML 8Page - Maxim Integrated Products DS1857 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Dual Temperature-Controlled Resistors with
External Temperature Input and Monitors
_____________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
Note 11: After this period, the first clock pulse is generated.
Note 12: The maximum tHD:DAT only to has be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 13: A device must internally provide a hold time of at least 300ns for the SDA signal (see the VIH MIN of the SCL signal) in order
to bridge the undefined region of the falling edge of SCL.
Note 14: CB—total capacitance of one bus line, timing referenced to 0.9 x VCC and 0.1 x VCC.
Note 15: EEPROM write begins after a STOP condition occurs.
Typical Operating Characteristics
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
540
580
620
660
700
500
-40
100
SUPPLY CURRENT vs. VOLTAGE
VOLTAGE (V)
5.0
4.5
4.0
3.5
450
500
550
600
650
700
400
3.0
5.5
RESISTANCE vs. SETTING
SETTING
250
200
150
100
50
10
20
30
40
50
60
0
0300
ACTIVE SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
540
580
620
660
700
500
0400
SDA = 5V


Similar Part No. - DS1857

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1857

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
ON Semiconductor
MC1066 ONSEMI-MC1066 Datasheet
196Kb / 16P
   ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com