Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT08PWDH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT08PWDH
Description  3.3V Quad 2-input AND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT08PWDH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT08PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 9Page - NXP Semiconductors 74LVT08PWDH Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVT08
3.3V Quad 2-input AND gate
1996 May 29
6
SO14:
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74LVT08PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT08PW NEXPERIA-74LVT08PW Datasheet
213Kb / 10P
   3.3 V Quad 2-input AND gate
Rev. 4 - 27 July 2021
More results

Similar Description - 74LVT08PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT00 PHILIPS-74LVT00 Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT02 PHILIPS-74LVT02 Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
74LVT32 PHILIPS-74LVT32 Datasheet
97Kb / 10P
   3.3V Quad 2-input OR gate
1996 Aug 28
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com