Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG1117F-3.3 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG1117F-3.3
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG1117F-3.3 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button REG1117F-3.3 Datasheet HTML 5Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 6Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 7Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 8Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 9Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 10Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 11Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 12Page - Burr-Brown (TI) REG1117F-3.3 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
9
A simple experiment will determine whether the maximum
recommended junction temperature is exceeded in an
actual circuit board and mounting configuration: Increase
the ambient temperature above that expected in normal
operation until the device’s thermal shutdown is activated.
If this occurs at more than 40
°C above the maximum
expected ambient temperature, then TJ will be less than
125
°C during normal operation.
The internal protection circuitry of the REG1117 was
designed to protect against overload conditions. It was not
intended to replace proper heat sinking. Continuously
running the REG1117 into thermal shutdown will degrade
reliability.
LAYOUT CONSIDERATIONS
The DDPAK (REG1117F-3.3 and REG1117FA) is a
surface-mount power package that has excellent thermal
characteristics. For best thermal performance, the
mounting tab should be soldered directly to a circuit board
copper area, as shown in Figure 3. Increasing the copper
area improves heat dissipation. Figure 4 shows typical
thermal resistance from junction-to-ambient as a function
of the copper area.
3−Lead DDPAK(1)
NOTE: (1) For improved thermal performance increase
footprint area. See Figure 4 (Thermal Resistance vs
Circuit Board Copper Area).
All measurements
in inches.
0.51
0.10
0.155
0.05
Figure 3. DDPAK Footprint
THERMAL RESISTANCE vs
CIRCUIT BOARD COPPER AREA
60
50
40
30
20
10
01
2
3
45
Copper Area (inches2)
REG1117F
DDPAK Surface Mount Package
1oz copper
Circuit Board Copper Area
REG1117F
DDPAK Surface−Mount Package
Figure 4. DDPAK Thermal Resistance versus Circuit Board Copper Area


Similar Part No. - REG1117F-3.3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117F-3.3 BURR-BROWN-REG1117F-3.3 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117F-3.3 BURR-BROWN-REG1117F-3.3 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117F-3.3 TI1-REG1117F-3.3 Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117F-3.3/500 TI-REG1117F-3.3/500 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117F-3.3/500 BURR-BROWN-REG1117F-3.3/500 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117F-3.3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com