Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3721EUF-1 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC3721EUF-1
Description  Push-Pull PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3721EUF-1 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC3721EUF-1 Datasheet HTML 3Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 4Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 5Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 6Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 7Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 8Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 9Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 10Page - Linear Integrated Systems LTC3721EUF-1 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3721-1
7
sn37211 37211fs
FB (Pin 13/Pin 12): Error Amplifier Inverting Input. This is
the voltage feedback input for the LTC3721-1. The nomi-
nal regulation voltage at FB is 1.2V.
SS (Pin 14/Pin 13): Soft-Start/Restart Delay Circuitry
Timing Capacitor. A capacitor from SS to GND provides a
controlled ramp of the current command. During overload
conditions, SS is discharged to ground initiating a soft-
start cycle. SS charging current is approximately 13µA. SS
will charge up to approximately 5V in normal operation.
During a constant overload current fault, SS will oscillate
at a low frequency between approximately 0.5V and 4V.
DESCRIPTIO S
PI
UVLO (Pin 15/Pin 14): Input to Program System Turn-On
and Turn-Off Voltages. The nominal threshold of the UVLO
comparator is 5.0V. UVLO is connected to the main DC
system feed through a resistor divider. When the UVLO
threshold is exceeded, the LTC3721-1 commences a soft-
start cycle and a 10µA (nominal) current is fed out of UVLO
to program the desired amount of system hysteresis. The
hysteresis level can be adjusted by changing the resis-
tance of the divider. UVLO can also be used to terminate
all switching by pulling UVLO down to less than 4V. An
open drain or collector switch can perform this function
without changing the system turn on or turn off voltages.
NC (Pin 2, Pin 3, Pin 16/Pin 7, Pin 16): Not Connected.
(GN Package/UF Package)
PROGRAMMABLE
DEAD-TIME
DRVA
DRVB
37211 TD01
CURRENT
SENSE
OR CT RAMP
PWM
COMPARATOR
(–)
TI I G DIAGRA


Similar Part No. - LTC3721EUF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3721EUF-1 LINER-LTC3721EUF-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
More results

Similar Description - LTC3721EUF-1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com