Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3721-1 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LTC3721-1
Description  Push-Pull PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3721-1 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LTC3721-1 Datasheet HTML 5Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 6Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 7Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 8Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 9Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 10Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 11Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 12Page - Linear Integrated Systems LTC3721-1 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3721-1
9
sn37211 37211fs
OPERATIO
Please refer to the detailed Block Diagram for this discus-
sion. The LTC3721-1 is a PWM push-pull controller that
operates with pulse-by-pulse peak current mode control.
It is best suited for moderate to high power isolated power
systems where small size and high efficiency are required.
The push-pull topology delivers excellent transformer
utilization and requires only two low side power MOSFET
switches. The controller generates 180° out of phase
0% to < 50% duty cycle drive signals on DRVA and DRVB.
The external MOSFETs are driven directly by these power-
ful on-chip drivers. The external MOSFETs typically con-
trol opposite primary windings of a centertapped power
transformer. The centertap primary winding is connected
to the input DC feed. The secondary of the transformer can
be configured in different synchronous or nonsynchronous
configurations depending on the application needs.
The duty ratio is controlled by the voltage on COMP. A
switching cycle commences with the falling edge of the
internal oscillator clock pulse. The LTC3721-1 attenuates
the voltage on COMP and compares it to the current sense
signal to terminate the switching cycle. If the voltage on CS
exceeds 300mV, the present cycle is terminated. If the
voltage on CS exceeds 600mV, all switching stops and a
soft-start sequence is initiated.
A host of other features including an error amplifier,
system UVLO programming, adjustable leading edge blank-
ing, slope compensation and programmable dead-time
provide flexibility for a variety of applications.
Programming Driver Dead-Time
The LTC3721-1 includes a feature to program the mini-
mum time between the output signals on DRVA and DRVB
commonly referred to as the driver dead-time. This func-
tion will come into play if the controller is commanded for
maximum duty cycle. The dead-time is set with an
external resistor connected between DPRG and VREF (see
Figure 1). The nominal regulated voltage on DPRG is 2V.
The external resistor programs a current which flows into
DPRG. The dead-time can be adjusted from 90ns to 300ns
with this resistor. The dead-time can also be modulated
based on an external current source that feeds current into
DPRG. Care must be taken to limit the current fed into
DPRG to 350µA or less. An internal 10µA current source
sets a maximum deadtime if DPRG is floated. The internal
current source causes the programmed deadtime to vary
non-linearly with increasing values of RDPRG (see Typical
Performance Characteristics). An external 200k resistor
connected from DPRG to GND will compensate for the
internal 10µA current source and linearize the deadtime
delay vs RDPRG characteristic.
Powering the LTC3721-1
The LTC3721-1 utilizes an integrated VCC shunt regulator
to serve the dual purposes of limiting the voltage applied
to VCC as well as signaling that the chip’s bias voltage is
sufficient to begin switching operation (under voltage
lockout). With its typical 10.2V turn-on voltage and 4.2V
UVLO hysteresis, the LTC3721-1 is tolerant of loosely
regulated input sources such as an auxiliary transformer
winding. The VCC shunt is capable of sinking up to 40mA
of externally applied current. The UVLO turn-on and turn-
off thresholds are derived from an internally trimmed
reference making them extremely accurate. In addition,
the LTC3721-1 exhibits very low (145µA typ) start-up
current that allows the use of 1/8W to 1/4W trickle charge
start-up resistors.
The trickle charge resistor should be selected as follows:
RSTART(MAX) = VIN(MIN) – 10.7V/250µA
Adding a small safety margin and choosing standard
values yields:
APPLICATION
VIN RANGE
RSTART
DC/DC
36V to 72V
100k
Off-Line
85V to 270VRMS
430k
PFC Preregulator
390VDC
1.4M
+
TURN-ON
OUTPUT
2.5V
+
V 2V
VREF
DPRG
RDPRG
37211 F01
200k
OPTIONAL
Figure 1. Deadtime Adjust


Similar Part No. - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3721-1 LINER-LTC3721-1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3721-1 LINER-LTC3721-1 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
More results

Similar Description - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com