Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1513 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1513
Description  TFT-LCD Power-Supply Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1513 Datasheet HTML 20Page - Maxim Integrated Products MAX1513 Datasheet HTML 21Page - Maxim Integrated Products MAX1513 Datasheet HTML 22Page - Maxim Integrated Products MAX1513 Datasheet HTML 23Page - Maxim Integrated Products MAX1513 Datasheet HTML 24Page - Maxim Integrated Products MAX1513 Datasheet HTML 25Page - Maxim Integrated Products MAX1513 Datasheet HTML 26Page - Maxim Integrated Products MAX1513 Datasheet HTML 27Page - Maxim Integrated Products MAX1513 Datasheet HTML 28Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TFT-LCD Power-Supply Controllers
24
______________________________________________________________________________________
Selecting the Number of Charge-Pump Stages
For highest efficiency, always choose the lowest num-
ber of charge-pump stages that meet the output volt-
age requirement. Figures 13 and 14 show the positive
and negative charge-pump output voltages for a given
VMAIN for one-, two-, and three-stage charge pumps.
The number of positive charge-pump stages is given by:
where nPOS is the number of positive charge-pump
stages, VGON is the gate-on linear-regulator REG P out-
put, VMAIN is the main step-up regulator output, VD is
the forward-voltage drop of the charge-pump diode,
and VDROPOUT is the dropout margin for the linear reg-
ulator. Use VDROPOUT = 0.3V.
The number of negative charge-pump stages is given by:
where nNEG is the number of negative charge-pump
stages, VGOFF is the gate-off linear-regulator REG N
output, VMAIN is the main step-up regulator output, VD
is the forward-voltage drop of the charge-pump diode,
and VDROPOUT is the dropout margin for the linear reg-
ulator. Use VDROPOUT = 0.3V.
The above equations are derived based on the
assumption that the first stage of the positive charge
pump is connected to VMAIN and the first stage of the
negative charge pump is connected to ground.
Sometimes fractional stages are more desirable for bet-
ter efficiency. This can be done by connecting the first
stage to VIN or another available supply. If the first
charge-pump stage is powered from VIN, then the
above equations become:
Flying Capacitors
Increasing the flying capacitor (CX) value lowers the
effective source impedance and increases the output-
current capability. Increasing the capacitance indefinite-
ly has a negligible effect on output-current capability
because the switch resistance and the diode impedance
place a lower limit on the source impedance. A 0.1µF
ceramic capacitor works well in most low-current appli-
cations. The flying capacitor’s voltage rating must
exceed the following:
where n is the stage number in which the flying capaci-
tor appears, and VMAIN is the output voltage of the
main step-up regulator.
Charge-Pump Output Capacitor
Increasing the output capacitance or decreasing the
ESR reduces the output ripple voltage and the peak-to-
peak voltage during load transients. With ceramic
Vn
V
CX
MAIN
n
VV
V
VV
n
VV
V
VV
POS
GON
DROPOUT
IN
MAIN
D
NEG
GOFF
DROPOUT
IN
MAIN
D
=
+
×
=
+
×
-
-
-+
-
2
2
n
VV
VV
NEG
GOFF
DROPOUT
MAIN
D
=
+
×
-
- 2
n
VV
V
VV
POS
GON
DROPOUT
MAIN
MAIN
D
=
+
×
-
- 2
POSITIVE CHARGE-PUMP
OUTPUT VOLTAGE vs. VMAIN
VMAIN (V)
12
10
8
6
4
10
20
30
40
50
60
0
214
2-STAGE CHARGE-PUMP
3-STAGE CHARGE-PUMP
VD = 0.3V TO 1V
1-STAGE CHARGE-PUMP
Figure 13. Positive Charge-Pump Output Voltage vs. VMAIN
NEGATIVE CHARGE-PUMP
OUTPUT VOLTAGE vs. VMAIN
VMAIN (V)
12
10
8
6
4
-40
-35
-30
-25
-20
-15
-10
-5
-0
-45
214
1-STAGE
CHARGE-PUMP
2-STAGE
CHARGE-PUMP
3-STAGE
CHARGE-PUMP
VD = 0.3V TO 1V
Figure 14. Negative Charge-Pump Output Voltage vs. VMAIN


Similar Part No. - MAX1513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1513 MAXIM-MAX1513 Datasheet
184Kb / 8P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
MAX1513EVKIT MAXIM-MAX1513EVKIT Datasheet
184Kb / 8P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
More results

Similar Description - MAX1513

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com