Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1513 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1513
Description  TFT-LCD Power-Supply Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1513 Datasheet HTML 16Page - Maxim Integrated Products MAX1513 Datasheet HTML 17Page - Maxim Integrated Products MAX1513 Datasheet HTML 18Page - Maxim Integrated Products MAX1513 Datasheet HTML 19Page - Maxim Integrated Products MAX1513 Datasheet HTML 20Page - Maxim Integrated Products MAX1513 Datasheet HTML 21Page - Maxim Integrated Products MAX1513 Datasheet HTML 22Page - Maxim Integrated Products MAX1513 Datasheet HTML 23Page - Maxim Integrated Products MAX1513 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TFT-LCD Power-Supply Controllers
20
______________________________________________________________________________________
Because VSENSE would be greater than 100mV, the cir-
cuit in Figure 9 should be used and the scale factor is:
Calculate RS1 and RS2:
The closest 1% standard values for RS1 and RS2 are
866
Ω and 1.13kΩ, respectively.
If the 2.2µH inductor used in the typical operating cir-
cuit (Figures 1 and 2) has a typical DCR of 10m
Ω and a
maximum DCR of 14m
Ω, the RC time constant of the
sense network is:
Select CS = 0.1µF, RS is:
Assuming
∆T is 40°C and TC is 0.5%, the worst-case
high sense voltage over temperature is:
Because VSENSE would be much less than 80mV, the
circuit in Figure 10 can be used to improve the current-
limit accuracy. Calculate RS3 and RS4:
The closest 1% standard values for RS3 and RS4 are
2.61k
Ω and 14.0Ω, respectively.
Output-Capacitor Selection
The output capacitor and its equivalent series resistance
(ESR) affect the circuit’s stability, output voltage ripple,
and transient response. The Output-Capacitor Stability
Requirement section discusses the output capacitance
requirement based on the loop stability. This section
deals with how to determine the output capacitance
according to the ripple voltage and load-transient
requirements.
The total output voltage ripple has two components: the
ohmic ripple due to the capacitor’s equivalent series
resistance (ESR), and the capacitive ripple caused by
the charging and discharging of the output capacitance:
where VMAIN is the output voltage of the step-up regu-
lator, IMAIN is the output current, COUT is the output
capacitance, RESR is the ESR of the output capacitor,
fOSC is the switching frequency, and IPEAK is the peak
inductor current (see the Inductor Selection section).
VV
V
VI
R
V
I
C
VV
Vf
RIPPLE
RIPPLE ESR
RIPPLE C
RIPPLE ESR
PEAK
ESR
RIPPLE C
MAIN
OUT
MAIN
IN
MAIN
OSC
()
( )
()
()
=+
≈×
≈×
×
⎝⎜
⎠⎟
-
R
VV
V
R
S
S
3
4
15
4 5
1
4
0
0 044
2600
2614
2614
2600
14
.
.
=
+
×=
==
-
5V -
.5V -
.1V
-
ΩΩ
ΩΩ
VA
m
C
mV
SENSE
+
×
°
() =
2 6
14
1
0 005
40
44
.
.
R
s
F
S
.
==
220
01
2200
µ
µ
τ
µ
µ
.
==
22
10
220
H
m
s
R
R
S
S
1
2
489
0 571
856
856
0 571
1
0 571
1139
.
.
.
==
=
×
=
-
SF
mV
mV
.
==
100
175
0 571
VA
m
C
mV
SENSE
+
×
°
() =
2 6
56
1
0 005
40
175
.
.
MAX1513
MAX1514
L
RS3
CS
VIN
VMAIN
CS+
CS-
GATE
GND
FB
RS4
Figure 10. Lossless Current Sensing with VSENSE < 80mV


Similar Part No. - MAX1513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1513 MAXIM-MAX1513 Datasheet
184Kb / 8P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
MAX1513EVKIT MAXIM-MAX1513EVKIT Datasheet
184Kb / 8P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
More results

Similar Description - MAX1513

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com