Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28W320CB85ZB1T Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28W320CB85ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CB85ZB1T Datasheet(HTML) 3 Page - STMicroelectronics

  M28W320CB85ZB1T Datasheet HTML 1Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 2Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 3Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 4Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 5Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 6Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 7Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 8Page - STMicroelectronics M28W320CB85ZB1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3/42
M28W320CT, M28W320CB
DESCRIPTION
The M28W320C is a 32 Mbit non-volatile Flash
memory that can be erased electrically at the block
level and programmed in-system on a Word-by-
Word basis. The device is offered in the TSOP48
(10 x 20mm) and the
µBGA47, 0.75mm ball pitch
packages.
When
shipped,
all
bits
of
the
M28W320C are in the 1 state.
The array matrix organisation allows each block to
be erased and reprogrammed without affecting
other blocks. All blocks are protected against pro-
gramming and erase at Power UP. Blocks can be
unprotected to make changes in the application
and then reprotected. A parameter block ”Security
Block” can be permanently protected against pro-
gramming and erase in order to increase the data
security. Each block can be programmed and
erased over 100,000 cycles. VDDQ allows to drive
the I/O pin down to 1.65V. An optional 12V VPP
power supply is provided to speed up the program
phase at customer production line environment.
An internal Command Interface (C.I.) decodes the
instructions to access/modify the memory content.
The Program/Erase Controller (P/E.C.) automati-
cally executes the algorithms taking care of the
timings necessary for program and erase opera-
tions. Verification is performed too, unburdening
the microcontroller, while the Status Register
tracks the status of the operation.
The following instructions are executed by the
M28W320C: Read Array, Read Electronic Signa-
ture, Read Status Register, Clear Status Register,
Program, Double Word Program, Block Erase,
Program/Erase Suspend, Program/Erase Re-
sume, CFI Query, Block Protect, Block Lock, Block
Unprotect, Protection Program.
Organisation
The M28W320C is organised as 2 Mbit by 16 bits.
A0-A20 are the address lines; DQ0-DQ15 are the
Data Input/Output. Memory control is provided by
Chip Enable E, Output Enable G and Write Enable
W inputs. The Program and Erase operations are
managed automatically by the P/E.C. Block pro-
tection against Program or Erase provides addi-
tional data security.
Memory Blocks
The device features an asymmetrical blocked ar-
chitecture. The M28W320C has an array of 71
blocks: 8 Parameter Blocks of 4 KWord and 63
Main Blocks of 32 KWord. M28W320CT has the
Parameter Blocks at the top of the memory ad-
dress space while the M28W320CB locates the
Parameter Blocks starting from the bottom. The
memory maps are shown in Tables 3 and 4.
All Blocks are protected at power up. Instruction
are provided to protect, unprotect any block in the
application. A second register locks the protection
status while WP is low (see Block Protection De-
scription). Each block can be erased separately.
Erase can be suspended in order to perform either
read or program in any other block and then re-
sumed. Program can be suspended to read data in
any other block and then resumed.
The architecture includes a 128 bits Protection
register that are divided into Two 64-bits segment.
In the first one, starting from address 81h to 84h,
is written a unique device number, while the sec-
ond one, starting from 85h to 88h, is programma-
ble by the user. The user programmable segment
can be permanently protected programming the
bit.1 of the Protection Lock Register (see protec-
tion register and Security Block). The parameter
block (# 0) is a security block. It can be permanent-
ly protected by the user programming the bit.2 of
the Protection Lock Register (see protection regis-
ter and Security Block).
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Depends on range.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (2)
–40 to 85
°C
TBIAS
Temperature Under Bias
–40 to 125
°C
TSTG
Storage Temperature
–55 to 155
°C
VIO
Input or Output Voltage
–0.6 to VDDQ+0.6
V
VDD,VDDQ
Supply Voltage
–0.6 to 4.1
V
VPP
Program Voltage
–0.6 to 13
V


Similar Part No. - M28W320CB85ZB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W320BB STMICROELECTRONICS-M28W320BB Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EB-ZB STMICROELECTRONICS-M28W320EB-ZB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EB-ZBT STMICROELECTRONICS-M28W320EB-ZBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320EBB STMICROELECTRONICS-M28W320EBB Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W320CB85ZB1T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com