Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBB1010 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # TBB1010
Description  Twin Build in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TBB1010 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button TBB1010 Datasheet HTML 2Page - Renesas Technology Corp TBB1010 Datasheet HTML 3Page - Renesas Technology Corp TBB1010 Datasheet HTML 4Page - Renesas Technology Corp TBB1010 Datasheet HTML 5Page - Renesas Technology Corp TBB1010 Datasheet HTML 6Page - Renesas Technology Corp TBB1010 Datasheet HTML 7Page - Renesas Technology Corp TBB1010 Datasheet HTML 8Page - Renesas Technology Corp TBB1010 Datasheet HTML 9Page - Renesas Technology Corp TBB1010 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TBB1010
Rev.2, Feb. 2003, page 6 of 10
400
300
200
100
0
50
100
150
200
0
1
234
5
25
20
15
10
5
V
= 4 V
V
= V
G2S
G1
DS
25
20
15
10
5
0
1
234
5
50
40
30
20
10
0
12
34
5
V
= 5 V
R
= 120 k
DS
G
Ambient Temperature
Ta (
°C)
Maximum Channel Power
Dissipation Curve
Typical Output Characteristics
Drain to Source Voltage
V
(V)
DS
Drain Current vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1
2 V
V
= 1 V
G2S
4 V
3 V
* Value on the glass epoxy board (50mm
× 40mm × 1mm)
150
kΩ
180
kΩ
Gate1 Voltage
V
(V)
G1
Forward Transfer Admittance
vs. Gate1 Voltage
V
= 1 V
G2S
4 V
3 V
2 V
V
= 5 V
R
= 120 k
f = 1 kHz
DS
G


Similar Part No. - TBB1010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1010 RENESAS-TBB1010 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010KMTL-E RENESAS-TBB1010KMTL-E Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010KMTL-E RENESAS-TBB1010KMTL-E Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010KMTL-H RENESAS-TBB1010KMTL-H Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results

Similar Description - TBB1010

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TBB1004 HITACHI-TBB1004 Datasheet
63Kb / 11P
   Twin Build in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
TBB1008 RENESAS-TBB1008 Datasheet
218Kb / 14P
   Twin Build in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
logo
Hitachi Semiconductor
TBB1002 HITACHI-TBB1002 Datasheet
66Kb / 11P
   Twin Build in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
logo
Hitachi Semiconductor
BB501M HITACHI-BB501M Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503M HITACHI-BB503M Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com