Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM358AD Datasheet(PDF) 10 Page - Texas Instruments

Part No. LM358AD
Description  DUAL OPERATIONAL AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-87710012A
ACTIVE
LCCC
FK
20
1
None
POST-PLATE
Level-NC-NC-NC
5962-8771001PA
ACTIVE
CDIP
JG
8
1
None
A42 SNPB
Level-NC-NC-NC
5962-87710022A
ACTIVE
LCCC
FK
20
1
None
POST-PLATE
Level-NC-NC-NC
5962-8771002PA
ACTIVE
CDIP
JG
8
1
None
A42 SNPB
Level-NC-NC-NC
LM158AFKB
ACTIVE
LCCC
FK
20
1
None
POST-PLATE
Level-NC-NC-NC
LM158AJG
ACTIVE
CDIP
JG
8
1
None
A42 SNPB
Level-NC-NC-NC
LM158AJGB
ACTIVE
CDIP
JG
8
1
None
A42 SNPB
Level-NC-NC-NC
LM158FKB
ACTIVE
LCCC
FK
20
1
None
POST-PLATE
Level-NC-NC-NC
LM158JG
ACTIVE
CDIP
JG
8
1
None
A42 SNPB
Level-NC-NC-NC
LM158JGB
ACTIVE
CDIP
JG
8
1
None
A42 SNPB
Level-NC-NC-NC
LM258AD
ACTIVE
SOIC
D
8
75
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
LM258ADGKR
ACTIVE
MSOP
DGK
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
LM258ADR
ACTIVE
SOIC
D
8
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
LM258AP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
LM258D
ACTIVE
SOIC
D
8
75
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
LM258DGKR
ACTIVE
MSOP
DGK
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
LM258DR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM258P
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
LM2904AVQDR
ACTIVE
SOIC
D
8
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
LM2904AVQPWR
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-1-250C-UNLIM
LM2904D
ACTIVE
SOIC
D
8
75
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
LM2904DGKR
ACTIVE
MSOP
DGK
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
LM2904DR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM2904P
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
LM2904PSR
ACTIVE
SO
PS
8
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
LM2904PW
ACTIVE
TSSOP
PW
8
150
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
LM2904PWLE
OBSOLETE
TSSOP
PW
8
None
Call TI
Call TI
LM2904PWR
ACTIVE
TSSOP
PW
8
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
LM2904QD
OBSOLETE
SOIC
D
8
None
Call TI
Call TI
LM2904QDR
OBSOLETE
SOIC
D
8
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
PACKAGE OPTION ADDENDUM
www.ti.com
4-Mar-2005
Addendum-Page 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC3458DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LS204HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
LT1352Dual and Quad 250uA 3MHz 200V/us Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
IL082Low Power J-FET DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreIntegral Corp.
PA74POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 Cirrus Logic
TEB1033PRECISION DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
TLE2227EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
HA-5102Dual and Quad 8MHz and 60MHz Low Noise Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
PA75DUAL POWER OPERATIONAL AMPLIFIERS 1 2 3 4 Cirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl