Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTQD6968NR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTQD6968NR2
Description  Power MOSFET 7.0 A, 20 V, Common Drain, Dual N?묬hannel, TSSOP??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTQD6968NR2 Datasheet(HTML) 2 Page - ON Semiconductor

  NTQD6968NR2 Datasheet HTML 1Page - ON Semiconductor NTQD6968NR2 Datasheet HTML 2Page - ON Semiconductor NTQD6968NR2 Datasheet HTML 3Page - ON Semiconductor NTQD6968NR2 Datasheet HTML 4Page - ON Semiconductor NTQD6968NR2 Datasheet HTML 5Page - ON Semiconductor NTQD6968NR2 Datasheet HTML 6Page - ON Semiconductor NTQD6968NR2 Datasheet HTML 7Page - ON Semiconductor NTQD6968NR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTQD6968N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
16
Vdc
mV/
°C
Zero Gate Voltage Collector Current
(VDS = 16 Vdc, VGS = 0 Vdc, TJ = 25°C)
(VDS = 16 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current
(VGS = ±12 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
0.6
0.75
3.0
1.2
Vdc
mV/
°C
Static Drain−to−Source On−State Resistance
(VGS = 4.5 Vdc, ID = 7.0 Adc)
(VGS = 2.5 Vdc, ID = 7.0 Adc)
(VGS = 2.5 Vdc, ID = 3.5 Adc)
RDS(on)
0.017
0.022
0.022
0.022
0.030
0.030
W
Forward Transconductance (VDS = 10 Vdc, ID = 7.0 Adc)
gFS
19.2
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
630
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
260
Transfer Capacitance
f = 1.0 MHz)
Crss
95
SWITCHING CHARACTERISTICS (Notes 4 and 5)
Turn−On Delay Time
td(on)
8.0
ns
Rise Time
(VDD = 16 Vdc, ID = 7.0 Adc,
tr
25
Turn−Off Delay Time
(VDD = 16 Vdc, ID = 7.0 Adc,
VGS = 4.5 Vdc, RG = 6.0 W)
td(off)
60
Fall Time
tf
65
Gate Charge
(VDS =16 Vdc
Qtot
12.5
17
nC
(VDS = 16 Vdc,
VGS = 4.5 Vdc,
I
7 0 Adc)
Qgs
1.0
GS
ID = 7.0 Adc)
Qgd
5.0
BODY−DRAIN DIODE RATINGS (Note 4)
Forward On−Voltage
(IS = 7.0 Adc, VGS = 0 Vdc)
VSD
0.82
1.2
Vdc
Reverse Recovery Time
trr
35
ns
(IS = 7.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
ta
15
dIS/dt = 100 A/ms)
tb
20
Reverse Recovery Stored Charge
QRR
0.02
mC
4. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2%.
5. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTQD6968NR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTQD6968R2 ONSEMI-NTQD6968R2 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
More results

Similar Description - NTQD6968NR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTQD4154ZR2 ONSEMI-NTQD4154ZR2 Datasheet
197Kb / 6P
   20 V, 7.5 A, Common?묭rain, Dual N?묬hannel TSSOP??
August, 2006 ??Rev. 3
NTGS4141N ONSEMI-NTGS4141N Datasheet
68Kb / 5P
   Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
logo
Vishay Siliconix
SI7900EDN VISHAY-SI7900EDN Datasheet
51Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 02-Apr-01
SI6874EDQ VISHAY-SI6874EDQ Datasheet
68Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 14-Aug-00
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN-T1 VISHAY-SI7900AEDN-T1 Datasheet
540Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN_08 Datasheet
537Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN Datasheet
73Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 07-Jun-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com