Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ES6130DTR2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC100ES6130DTR2
Description  2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6130DTR2 Datasheet(HTML) 3 Page - Motorola, Inc

  MC100ES6130DTR2 Datasheet HTML 1Page - Motorola, Inc MC100ES6130DTR2 Datasheet HTML 2Page - Motorola, Inc MC100ES6130DTR2 Datasheet HTML 3Page - Motorola, Inc MC100ES6130DTR2 Datasheet HTML 4Page - Motorola, Inc MC100ES6130DTR2 Datasheet HTML 5Page - Motorola, Inc MC100ES6130DTR2 Datasheet HTML 6Page - Motorola, Inc MC100ES6130DTR2 Datasheet HTML 7Page - Motorola, Inc MC100ES6130DTR2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100ES6130
TIMING SOLUTIONS
3
MOTOROLA
Table 4. Absolute Maximum Ratings1
1.
Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not
implied.
Symbol
Rating
Conditions
Rating
Units
VSUPPLY
Power Supply Voltage
Difference between VCC & VEE
3.9
V
VIN
Input Voltage
VCC – VEE ≤ 3.6 V
VCC + 0.3
VEE – 0.3
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
–40 to +85
°C
TSTG
Storage Temperature Range
–65 to +150
°C
Table 5. DC Characteristics (VCC = 0 V, VEE = –2.5 V ±5% or VCC = 2.5 V ±5%, VEE = 0 V)
Symbol
Characteristic
–40°C
0°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
45
70
45
70
mA
VOH
Output HIGH Voltage1
1.
Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
VCC – 1250 VCC – 990
VCC – 800 VCC – 1200 VCC – 960
VCC – 750
mV
VOL
Output LOW Voltage1
VCC – 2000 VCC – 1550 VCC – 1150 VCC – 1925 VCC – 1630 VCC – 1200
mV
VoutPP
Output Peak-to-Peak Voltage
200
200
mV
VIH
Input HIGH Voltage
VCC – 1165
VCC – 880 VCC – 1165
VCC – 880
mV
VIL
Input LOW Voltage
VCC – 1810
VCC – 1475 VCC – 1810
VCC – 1475
mV
VPP
Differential Input Voltage2
2.
VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.12
1.3
0.12
1.3
V
VCMR
Differential Cross Point Voltage3
3.
VCMR (DC) is the cross point of the differential input signal. Functional operation is obtained when the cross point is within the VCMR (DC) range
and the input swing lies within the VPP (DC) specification.
VEE + 0.2
VCC – 1.0
VEE + 0.2
VCC – 1.0
V
IIN
Input Current
±150
±150
µA
Table 6. DC Characteristics (VCC = 0 V, VEE = –3.8 to 3.135 V or VCC = 3.135 to 3.8 V, VEE = 0 V)
Symbol
Characteristic
–40°C
0°C to 85°C
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
48
70
48
70
mA
VOH
Output HIGH Voltage1
1.
Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
VCC – 1150 VCC – 1020 VCC – 800 VCC – 1200 VCC – 970
VCC – 750
mV
VOL
Output LOW Voltage1
VCC– 1950 VCC – 1620 VCC – 1250 VCC – 2000 VCC – 1680 VCC – 1300
mV
VoutPP
Output Peak-to-Peak Voltage
200
200
mV
VIH
Input HIGH Voltage
VCC – 1165
VCC – 880 VCC – 1165
VCC – 880
mV
VIL
Input LOW Voltage
VCC – 1810
VCC – 1475 VCC – 1810
VCC – 1475
mV
VPP
Differential Input Voltage2
2.
VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.12
1.3
0.12
1.3
V
VCMR
Differential Cross Point Voltage3
3.
VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range
and the input swing lies within the VPP (DC) specification.
VEE + 0.2
VCC - 1.1
VEE + 0.2
VCC – 1.1
V
IIN
Input Current
±150
±150
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC100ES6130DTR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6130DTR2 RENESAS-MC100ES6130DTR2 Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
More results

Similar Description - MC100ES6130DTR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Micrel Semiconductor
SY89830U MICREL-SY89830U Datasheet
125Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89830U MICREL-SY89830U_05 Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
   3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
SY100EP14U MICREL-SY100EP14U_10 Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14U MICREL-SY100EP14U Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com