Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT300320 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UT300320
Description  Diffuse reflection sensor (analogue/digital)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT300320 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UT300320 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT300320 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT300320 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT300320 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ipf electronic gmbh
Kalver Straße 27
D-58515 Lüdenscheid
Subject to alteration!
dat 040b – 10/04
fon +49 (0) 2351 / 9365-0
fax +49 (0) 2351 / 936519
www.ipf-electronic.de
e-mail: info@ipf-electronic.de
ultrasonic sensor
PRODUCT: accessories
article-no.
description 1
description 2
fig.
AU000002
reflector 18, level 90° (deflection angle)
for design 18
w/o
AU000003
reflector 18, focussing 90° (deflection angle)
for design 18
w/o
AU000010
reflector 30, compact
for design 30
w/o
AY000051
sensor quick clip Ø18, plastic
sensor Ø18 clip
3
AY000053
sensor base straight, plastic
for quick clip Ø12 and Ø18
4
AY000054
sensor base angular, plastic
for quick clip Ø12 and Ø18
5
Warning: Never use these devices in applications where the safety of a person depends on their functionality.
PRODUCT devices with thread, design 18,30
article-no.
design
description
comment
length
housing
voltage
output
current
sn
connection
fig.
UT180020
M18x1
teach in
analogue
104
plastic
15-30V DC
4-20mA
60-500
M12-conn. 5pin
1
UT180021
M18x1
teach in
analogue
104
plastic
15-30V DC
4-20mA
100-800
M12-conn. 5pin
1
UT180022
M18x1
teach in
analogue
104
plastic
15-30V DC
4-20mA
200-2000
M12-conn. 5pin
1
UT18002A
M18x1
teach in
analogue
104
plastic
15-30V DC
0-10V
60-500
M12-conn. 5pin
1
UT18002B
M18x1
teach in
analogue
104
plastic
15-30V DC
0-10V
100-800
M12-conn. 5pin
1
UT18002C
M18x1
teach in
analogue
104
plastic
15-30V DC
0-10V
200-2000
M12-conn. 5pin
1
UT180320
M18x1
teach in
4.7Hz
104
plastic
12-30V DC
2xpnp
500mA
60-500
M12-conn. 5pin
1
UT180321
M18x1
teach in
4.7Hz
104
plastic
12-30V DC
2xpnp
500mA
100-800
M12-conn. 5pin
1
UT180322
M18x1
teach in
4.7Hz
104
plastic
12-30V DC
2xpnp
500mA
200-2000
M12-conn. 5pin
1
UT300020
M30x1.5
teach in
analogue
141
plastic
15-30V DC
4-20mA
300-3500
M12-conn. 5pin
2
UT30002A
M30x1.5
teach in
analogue
141
plastic
15-30V DC
0-10V
300-3500
M12-conn. 5pin
2
UT300320
M30x1.5
teach in
4.7Hz
141
plastic
12-30V DC
2xpnp
500mA
300-3500
M12-conn. 5pin
2
The list of articles contains the available DC-(pnp) and analogue versions only. Kindy request the avalability of other output
functions.
We will be pleased to supply the matching cable socket for your devices with connector, e.g. VK200621. Please refer to the
list in chapter 14 of our catalogue, data sheet “
-SENSORFLEX®
cable sockets”.
Fig. 3
Fig. 4
Fig. 5


Similar Part No. - UT300320

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UT3005 MICROSEMI-UT3005 Datasheet
139Kb / 3P
   RECTIFIERS
logo
Digitron Semiconductors
UT3005 DIGITRON-UT3005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
UT3005 NJSEMI-UT3005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
Unisonic Technologies
UT3006 UTC-UT3006 Datasheet
136Kb / 3P
   55A, 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3006G-K08-5060-R UTC-UT3006G-K08-5060-R Datasheet
188Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT300320

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
UA30CAD35NGM1TI CARLOGAVAZZI-UA30CAD35NGM1TI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
UA18EAD04NGM1TI CARLOGAVAZZI-UA18EAD04NGM1TI Datasheet
535Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
UA18CSD08AGM1TI CARLOGAVAZZI-UA18CSD08AGM1TI Datasheet
409Kb / 4P
   Ultrasonic Diffuse, Analogue Output
UA18ESD08AGM1TI CARLOGAVAZZI-UA18ESD08AGM1TI Datasheet
440Kb / 4P
   Ultrasonic Diffuse, Analogue Output
UA30EAD35NGM1TI CARLOGAVAZZI-UA30EAD35NGM1TI Datasheet
376Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output Types UA30EAD......TI
UA18CAD04NGM1TI CARLOGAVAZZI-UA18CAD04NGM1TI Datasheet
498Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output Types UA18CAD......TI
logo
Contrinex AG Industrial...
LTR-C23PA-PMK-60C CONTRINEX-LTR-C23PA-PMK-60C Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-NMK-403 CONTRINEX-LTR-C23PA-NMK-403 Datasheet
448Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
logo
Pepperl+Fuchs Inc.
OBT200-18GM60-E5-V1 PF-OBT200-18GM60-E5-V1 Datasheet
248Kb / 3P
   Diffuse mode sensor
OBT500-18GM60-E4-V1 PF-OBT500-18GM60-E4-V1 Datasheet
247Kb / 3P
   Diffuse mode sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com