Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADC0831 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. ADC0831
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 26 page
background image
Applications (Continued)
Digital Load Cell
00558319
Uses one more wire than load cell itself
Two mini-DIPs could be mounted inside load cell for digital output transducer
Electronic offset and gain trims relax mechanical specs for gauge factor and offset
Low level cell output is converted immediately for high noise immunity
4 mA-20 mA Current Loop Converter
00558320
All power supplied by loop
1500V isolation at output
www.national.com
26




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor (TI)
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080328-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ML2281Serial I/O 8-Bit A/D Converters with Multiplexer Options 1 2 3 4 5 MoreMicro Linear Corporation
ADC088318-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08448-Bit uP Compatible A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08088-Bit uP Compatible A/D Converters with 8-Channel Multiplexer 1 2 3 4 5 MoreNational Semiconductor (TI)
TLC0831C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments
TLV0831C3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl