Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADC0831 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. ADC0831
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 19 page
background image
Applications
Digital Link and Sample Controlling Software for theSerially Oriented COP420 and the Bit Programmable I/O INS8048
00558313
00558312
FIGURE 4. Operating with a Temperature
Compensated Reference
00558334
FIGURE 5. Using the A/D as
the System Supply Regulator
00558335
*4.5V
≤ VCC ≤ 6.3V
FIGURE 6. Generating V
CC from the Converter Clock
00558336
*4.5V
≤ VCC ≤ 6.3V
FIGURE 7. Remote Sensing —
Clock and Power on 1 Wire
www.national.com
19




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor (TI)
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080328-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ML2281Serial I/O 8-Bit A/D Converters with Multiplexer Options 1 2 3 4 5 MoreMicro Linear Corporation
ADC088318-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08448-Bit uP Compatible A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08088-Bit uP Compatible A/D Converters with 8-Channel Multiplexer 1 2 3 4 5 MoreNational Semiconductor (TI)
TLC0831C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments
TLV0831C3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl