Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N28-X009 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 4N28-X009
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N28-X009 Datasheet(HTML) 3 Page - Vishay Siliconix

  4N28-X009 Datasheet HTML 1Page - Vishay Siliconix 4N28-X009 Datasheet HTML 2Page - Vishay Siliconix 4N28-X009 Datasheet HTML 3Page - Vishay Siliconix 4N28-X009 Datasheet HTML 4Page - Vishay Siliconix 4N28-X009 Datasheet HTML 5Page - Vishay Siliconix 4N28-X009 Datasheet HTML 6Page - Vishay Siliconix 4N28-X009 Datasheet HTML 7Page - Vishay Siliconix 4N28-X009 Datasheet HTML 8Page - Vishay Siliconix 4N28-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4N25/ 4N26/ 4N27/ 4N28
Document Number 83725
Rev. 1.4, 26-Jan-05
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
1) Indicates JEDEC registered values
Output
1) Indicates JEDEC registered values
Coupler
1) Indicates JEDEC registered values
Current Transfer Ratio
1) Indicates JEDEC registered value
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage1)
IF = 50 mA
VF
1.3
1.5
V
Reverse current1)
VR = 3.0 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CO
25
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Collector-base breakdown
voltage1)
IC = 100 µABVCBO
70
V
Collector-emitter breakdown
voltage1)
IC = 1.0 mA
BVCEO
30
V
Emitter-collector breakdown
voltage1)
IE = 100 µABVECO
7.0
V
ICEO(dark)
1)
VCE = 10 V, (base open)
4N25
5.0
50
nA
4N26
5.0
50
nA
4N27
5.0
50
nA
4N28
10
100
nA
ICBO(dark)
1)
VCB = 10 V, (emitter open)
2.0
20
nA
Collector-emitter capacitance
VCE = 0
CCE
6.0
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Isolation voltage1)
Peak, 60 Hz
4N25
VIO
2500
V
4N26
VIO
1500
V
4N27
VIO
1500
V
4N28
VIO
500
V
Saturation voltage, collector-
emitter
ICE = 2.0 mA, IF = 50 mA
VCE(sat)
0.5
V
Resistance, input output1)
VIO = 500 V
RIO
100
G
Capacitance (input-output)
f = 1.0 MHz
CIO
0.5
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
DC Current Transfer Ratio1)
VCE = 10 V, IF = 10 mA
4N25
CTRDC
20
50
%
4N26
CTRDC
20
50
%
4N27
CTRDC
10
30
%
4N28
CTRDC
10
30
%


Similar Part No. - 4N28-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N28-X009T VISHAY-4N28-X009T Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - 4N28-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com