Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N27-X009 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 4N27-X009
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N27-X009 Datasheet(HTML) 4 Page - Vishay Siliconix

  4N27-X009 Datasheet HTML 1Page - Vishay Siliconix 4N27-X009 Datasheet HTML 2Page - Vishay Siliconix 4N27-X009 Datasheet HTML 3Page - Vishay Siliconix 4N27-X009 Datasheet HTML 4Page - Vishay Siliconix 4N27-X009 Datasheet HTML 5Page - Vishay Siliconix 4N27-X009 Datasheet HTML 6Page - Vishay Siliconix 4N27-X009 Datasheet HTML 7Page - Vishay Siliconix 4N27-X009 Datasheet HTML 8Page - Vishay Siliconix 4N27-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83725
Rev. 1.4, 26-Jan-05
4N25/ 4N26/ 4N27/ 4N28
Vishay Semiconductors
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rise and fall times
VCE = 10 V, IF = 10 mA, RL = 100 Ω
tr, tf
2.0
µs
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non-Saturated and Saturated CTR vs. LED
Current
i4n25_01
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
TA =–55°C
TA =25°C
TA =85°C
i4n25_02
Normalized to:
0.0
0.5
1.0
1.5
0
1
10
100
IF - LED Current - mA
NCTR
NCTR(SAT)
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
TA=25°C
Figure 3. Normalized Non-saturated and Saturated CTR vs. LED
Current
Figure 4. Normalized Non-saturated and saturated CTR vs. LED
Current
i4n25_03
100
10
1
.1
0.0
0.5
1.0
1.5
IF- LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=50°C
i4n25_04
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=70°C


Similar Part No. - 4N27-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N27-X009T VISHAY-4N27-X009T Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - 4N27-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com