Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3257ADB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBT3257ADB
Description  Quad 1-of-2 multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3257ADB Datasheet(HTML) 3 Page - NXP Semiconductors

  CBT3257ADB Datasheet HTML 1Page - NXP Semiconductors CBT3257ADB Datasheet HTML 2Page - NXP Semiconductors CBT3257ADB Datasheet HTML 3Page - NXP Semiconductors CBT3257ADB Datasheet HTML 4Page - NXP Semiconductors CBT3257ADB Datasheet HTML 5Page - NXP Semiconductors CBT3257ADB Datasheet HTML 6Page - NXP Semiconductors CBT3257ADB Datasheet HTML 7Page - NXP Semiconductors CBT3257ADB Datasheet HTML 8Page - NXP Semiconductors CBT3257ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
9397 750 12921
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 27 October 2005
3 of 16
Philips Semiconductors
CBT3257A
Quad 1-of-2 multiplexer/demultiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
B outputs are inputs if A inputs are outputs.
Fig 2.
Pin configuration for SO16
Fig 3.
Pin configuration for SSOP16
Fig 4.
Pin configuration for SSOP16
(QSOP16)
Fig 5.
Pin configuration for TSSOP16
CBT3257AD
SVCC
1B1
OE
1B2
4B1
1A
4B2
2B1
4A
2B2
3B1
2A
3B2
GND
3A
002aab768
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
CBT3257ADB
SVCC
1B1
OE
1B2
4B1
1A
4B2
2B1
4A
2B2
3B1
2A
3B2
GND
3A
002aab769
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
CBT3257ADS
SVCC
1B1
1B2
4B1
1A
4B2
2B1
4A
2B2
3B1
2A
3B2
GND
3A
002aab770
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15 OE
CBT3257APW
SVCC
1B1
1B2
4B1
1A
4B2
2B1
4A
2B2
3B1
2A
3B2
GND
3A
002aab771
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15 OE
Table 2:
Pin description
Symbol
Pin
Description
S
1
select control input
1B1, 1B2, 2B1, 2B2,
3B1, 3B2, 4B1, 4B2
2, 3, 5, 6,
10, 11, 13, 14
B outputs [1]
1A, 2A, 3A, 4A
4, 7, 9, 12
A inputs
GND
8
ground (0 V)
OE
15
output enable (active LOW)
VCC
16
positive supply voltage


Similar Part No. - CBT3257ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257ADB NXP-CBT3257ADB Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
More results

Similar Description - CBT3257ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com