Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2F-B3L3TT Datasheet(PDF) 3 Page - NEC

Part # EP2F-B3L3TT
Description  HIGH HEAT RESISTIVITY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2F-B3L3TT Datasheet(HTML) 3 Page - NEC

  EP2F-B3L3TT Datasheet HTML 1Page - NEC EP2F-B3L3TT Datasheet HTML 2Page - NEC EP2F-B3L3TT Datasheet HTML 3Page - NEC EP2F-B3L3TT Datasheet HTML 4Page - NEC EP2F-B3L3TT Datasheet HTML 5Page - NEC EP2F-B3L3TT Datasheet HTML 6Page - NEC EP2F-B3L3TT Datasheet HTML 7Page - NEC EP2F-B3L3TT Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
EP2F / EP1F SERIES
EP1F SERIES
[H Bridge Type]
[Separate Type]
2 - 1.9
+0.1
–0
2 - 1.9
+0.1
–0
1.9
+0.1
–0
4 - 1.5
+0.1
–0
2 - 1.1
+0.1
–0
2 - 1.5
+0.1
–0
4 - 1.1
+0.1
–0
2 - 1.5
+0.1
–0
4 - 1.1
+0.1
–0
φ
φ
φ
φφ
φ
φ
φ
φ
( 0.075)
φ
( 0.075)
φ
EP2F SERIES
EP1F SERIES
( 0.043)
φ
( 0.059)
φ
( 0.075)
φ
( 0.043)
φ
( 0.059)
φ
( 0.043)
φ
( 0.059)
φ
PCB PAD LAYOUT mm (inch) (BOTTOM VIEW)
JAPAN
EP1F-B3G1
22
14.6 0.5
16.2 0.5
10.1(0.4)
2.65∗(0.1)
8.0(0.31)
3.5
1.3
×1.3
2-0.5
×1.1
2- 0.6
Vent hole
Date code
Part number
4A 1
+
+
φ
(1.5
×1.5)
(0.02
×0.02)
∗for reference
(0.14)
( 0.02)
φ
(0.63)
(0.58)


Similar Part No. - EP2F-B3L3TT

ManufacturerPart #DatasheetDescription
logo
NEC
EP2 NEC-EP2 Datasheet
926Kb / 7P
   Miniature Relays
logo
SAB North America
EP2-11 SAB-EP2-11 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-11L SAB-EP2-11L Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-13 SAB-EP2-13 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-13L SAB-EP2-13L Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EP2F-B3L3TT

ManufacturerPart #DatasheetDescription
logo
NEC
ET2F-B3M1S NEC-ET2F-B3M1S Datasheet
158Kb / 12P
   HIGH HEAT RESISTIVITY
logo
Keysight Technologies
16008B KEYSIGHT-16008B Datasheet
51Kb / 1P
   Resistivity Cell
logo
Endress+Hauser Group Se...
CLM223 EH-CLM223 Datasheet
869Kb / 20P
   Conductivity/resistivity measurement
logo
QUARTZCOM the communica...
SMX-6S QUARTZCOM-SMX-6S Datasheet
120Kb / 1P
   Miniature SMD Crystal High shock and vibrational resistivity
SMX-1S QUARTZCOM-SMX-1S Datasheet
111Kb / 1P
   Miniature SMD Crystal High shock and vibrational resistivity
MCO-6S QUARTZCOM-MCO-6S Datasheet
124Kb / 1P
   Miniature SMD Clock Oscillator CMOS High shock and vibrational resistivity
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com