Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65160 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65160
Description  BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65160 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65160 Datasheet HTML 1Page - Texas Instruments TPS65160 Datasheet HTML 2Page - Texas Instruments TPS65160 Datasheet HTML 3Page - Texas Instruments TPS65160 Datasheet HTML 4Page - Texas Instruments TPS65160 Datasheet HTML 5Page - Texas Instruments TPS65160 Datasheet HTML 6Page - Texas Instruments TPS65160 Datasheet HTML 7Page - Texas Instruments TPS65160 Datasheet HTML 8Page - Texas Instruments TPS65160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
COMP
VINB
FREQ
EN1
EN2
DRN
FBN
REF
PGND
PGND
SW
SW
AVIN
FB
GND
OS
DRP
FBP
Boot
SWB
NC
DLY1
TPS65160
SS
VINB
GD
FBB
DLY2
SUP
12 V
C1
2*22 mF
C3
1 mF
C16
1 mF
C6
0.47 mF
D2
D3
VGL
−5 V/50 mA
R3
620 kW
R4
150 kW
C8
220 nF
C7
470 mF
C9
22 nF
C10
10 nF
C11
10 nF
C17
22 nF
R8
1.2 kW
R7
2 kW
D6
SL22
L2
15 mH
Cb
100 nF
R6
56 kW
C14
10 nF
C12
2*22 mF
3.3 V/1.5 A
C13
0.47 mF
R5
1 MW
VGH
23 V/50 mA
D5
D4
GD
0.47 mF
C5
C15
470 nF
R2
56 kW
R1
680 kW
C2
3* 22 mF
C4
22 pF
D1
SL22
L1
10 mH
15 V/1.5 A
8
12
20
21
22
16
9
11
13
24
6
7
28
25
4
5
1
3
23
27
10
14
17
18
19
15
2
26
VIN
VLOGIC
VS
TPS65160, TPS65160A
SLVS566B – MARCH 2005 – REVISED JULY 2005
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
Gate Drive Signal to Drive External MOSFET
8-V to 14-V Input Voltage Range
Internal and Adjustable Soft Start
VS Output Voltage Range up to 20 V
Short-Circuit Protection
1% Accurate Boost Converter With 2.8-A
23-V (TPS65160) Overvoltage Protection
Switch Current
19.5-V (TPS65160A) Overvoltage Protection
1.5% accurate 1.8-A Step-Down Converter
Thermal Shutdown
500-kHz/750-kHz Fixed Switching Frequency
Available in TSSOP-28 Package
Negative Charge Pump Driver for VGL
Positive Charge Pump Driver for VGH
TFT LCD Displays for Monitor and LCD TV
Adjustable Sequencing for VGL, VGH
The TPS65160 offers a compact power supply solution to provide all four voltages required by thin-film transistor
(TFT) LCD panel. With its high current capabilities, the device is ideal for large screen monitor panels and LCD
TV applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161A TI-TPS65161A Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161APWP TI-TPS65161APWP Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161APWPR TI-TPS65161APWPR Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com