Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPD-15B25L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPD-15B25L
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPD-15B25L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPD-15B25L Datasheet HTML 1Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 2Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 3Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 4Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 5Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 6Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 7Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 8Page - Bel Fuse Inc. VRPD-15B25L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPD-15B
5V Input / 1.2V – 3.3V Output / 15A
Nonisolated
Industry standard pinout
Fixed frequency
High efficiency means less power dissipation
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Remote sense
Over temperature shutdown protection
Description
The Bel VRPD-15B modules are a series of non-isolated, step down DC/DC power converters that operate from a nominal 5V
source. These converters are available in a range of output voltages from 1.2V to 3.3V. They are packaged in an industry
standard, single-in-line footprint and provide a maximum 15A output. Standard features include remote on/off, over current
and short circuit protection, output voltage adjust and remote sense. These products may be used almost anywhere low
voltage silicon is employed and a 5V source is available. Typical applications include file servers, routers, line cards and other
computing and communications equipment.
Applications
page 1
VRPD-15B Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
Options
Reverse remote on/off logic
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
h
g
i
H
e
v
i
t
c
A
r
e
b
m
u
N
t
r
a
P
w
o
L
e
v
i
t
c
A
V
3
.
3V
5A
5
1W
5
.
9
4%
3
90
3
3
B
5
1
-
D
P
R
VL
3
3
B
5
1
-
D
P
R
V
V
5
.
2V
5A
5
1W
5
.
7
3%
1
90
5
2
B
5
1
-
D
P
R
VL
5
2
B
5
1
-
D
P
R
V
V
8
.
1V
5A
5
1W
0
.
7
2%
9
80
8
1
B
5
1
-
D
P
R
VL
8
1
B
5
1
-
D
P
R
V
V
5
.
1V
5A
5
1W
5
.
2
2%
6
80
5
1
B
5
1
-
D
P
R
VL
5
1
B
5
1
-
D
P
R
V
V
2
.
1V
5A
5
1W
0
.
8
1%
3
80
2
1
B
5
1
-
D
P
R
VL
2
1
B
5
1
-
D
P
R
V
RoHS Compliant


Similar Part No. - VRPD-15B25L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
VRPD-15C120 BEL-VRPD-15C120 Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
VRPD-15C12H BEL-VRPD-15C12H Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
VRPD-15C150 BEL-VRPD-15C150 Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
VRPD-15C15H BEL-VRPD-15C15H Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results

Similar Description - VRPD-15B25L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PD-15B BEL-V7PD-15B Datasheet
245Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com