Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2F-B3L2T Datasheet(PDF) 5 Page - NEC

Part # EP2F-B3L2T
Description  HIGH HEAT RESISTIVITY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2F-B3L2T Datasheet(HTML) 5 Page - NEC

  EP2F-B3L2T Datasheet HTML 1Page - NEC EP2F-B3L2T Datasheet HTML 2Page - NEC EP2F-B3L2T Datasheet HTML 3Page - NEC EP2F-B3L2T Datasheet HTML 4Page - NEC EP2F-B3L2T Datasheet HTML 5Page - NEC EP2F-B3L2T Datasheet HTML 6Page - NEC EP2F-B3L2T Datasheet HTML 7Page - NEC EP2F-B3L2T Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
EP2F / EP1F SERIES
NUMBERING SYSTEM
Tr1
Tr2
100 ms min.
It is necessary to take more than 100 msec intervals for on / off timing between driving Tr1 and Tr2. If the interval
is less than 100 msec, an excessive current happen to flow to the relay contacts.
EP2F
B
3
L
1
S
T
Wiring
Nil : H Bridge Type
T
: Separate Type
Enclosure
Nil : Unsealed (Standard type)
T : Sealed
Operate Voltage
(at 25˚C)
1 : 6.5 V max.
2 : 7.0 V max.
3 : 7.5 V max.
Contact Material
L, N : Silver oxide complex alloy, type I
G
: Silver oxide complex alloy, type II
Type
EP2F
EP1F
MOTOR
Tr1
Tr2
STOP
off
off
FORWARD
on
off
REVERSE
off
on
TYPICAL APPLICATION (H Bridge Type)
M
Tr1
Tr2
16 V


Similar Part No. - EP2F-B3L2T

ManufacturerPart #DatasheetDescription
logo
NEC
EP2 NEC-EP2 Datasheet
926Kb / 7P
   Miniature Relays
logo
SAB North America
EP2-11 SAB-EP2-11 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-11L SAB-EP2-11L Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-13 SAB-EP2-13 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-13L SAB-EP2-13L Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EP2F-B3L2T

ManufacturerPart #DatasheetDescription
logo
NEC
ET2F-B3M1S NEC-ET2F-B3M1S Datasheet
158Kb / 12P
   HIGH HEAT RESISTIVITY
logo
Keysight Technologies
16008B KEYSIGHT-16008B Datasheet
51Kb / 1P
   Resistivity Cell
logo
Endress+Hauser Group Se...
CLM223 EH-CLM223 Datasheet
869Kb / 20P
   Conductivity/resistivity measurement
logo
QUARTZCOM the communica...
SMX-6S QUARTZCOM-SMX-6S Datasheet
120Kb / 1P
   Miniature SMD Crystal High shock and vibrational resistivity
SMX-1S QUARTZCOM-SMX-1S Datasheet
111Kb / 1P
   Miniature SMD Crystal High shock and vibrational resistivity
MCO-6S QUARTZCOM-MCO-6S Datasheet
124Kb / 1P
   Miniature SMD Clock Oscillator CMOS High shock and vibrational resistivity
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com