Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PB-10C12S Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # V7PB-10C12S
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-10C12S Datasheet(HTML) 3 Page - Bel Fuse Inc.

  V7PB-10C12S Datasheet HTML 1Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 2Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 3Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 4Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 5Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 6Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 7Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 8Page - Bel Fuse Inc. V7PB-10C12S Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 09.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP03V7PB-10C
3.3V Input / 0.9V – 2.5V Output / 10A
page 3
Output Specifications
Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
1. Vin = 3.3V, Iout = full load, Ta = 25° C.
2. 0 - 20MHz, 1µF ceramic cap on output.
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
t
n
i
o
P
t
e
S
e
g
a
t
l
o
V
t
u
p
t
u
O
1
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
t
u
o
V
0
5
4
.
2
4
6
7
.
1
0
7
4
.
1
6
7
1
.
1
2
8
8
.
0
5
.
2
8
.
1
5
.
1
2
.
1
9
.
0
0
5
5
.
2
6
3
8
.
1
0
3
5
.
1
4
2
2
.
1
8
1
9
.
0
V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
6
5
4
4
4
5
.
2
1
0
.
9
5
.
7
5
.
7
5
.
7
V
m
n
o
i
t
a
l
u
g
e
R
e
n
i
L
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
4
3
3
3
3
5
.
7
5
.
5
5
.
4
5
.
4
5
.
4
V
m
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
n
o
i
t
a
l
u
g
e
R
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
0
3
0
2
5
1
5
1
0
1
0
5
0
4
0
3
5
2
0
2
V
m
n
o
i
t
a
l
u
g
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
t
o
T
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
0
4
8
2
2
2
2
2
7
1
0
7
5
.
4
5
2
4
7
3
2
3
V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
0
2
5
2
5
2
2
2
0
2
0
4
0
4
0
4
0
4
0
4
k
p
V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
5
6
6
6
5
0
1
0
1
0
1
0
1
0
1
s
m
r
V
m
e
g
n
a
R
t
n
e
r
r
u
C
t
u
p
t
u
Oll
At
u
o
I0
0
1A
t
i
m
i
L
t
n
e
r
r
u
C
C
D
t
u
p
t
u
Oll
Am
il
t
u
o
I3
1
5
2A
e
g
r
u
S
t
i
u
c
r
i
C
t
r
o
h
S
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
e
g
r
u
s
t
u
o
I
3
2
.
0
2
2
.
0
2
2
.
0
0
2
.
0
7
2
.
0
A2s
e
m
i
T
n
o
n
r
u
Tll
An
o
T
60
1s
m
n
O
n
r
u
T
t
a
t
o
o
h
s
r
e
v
Oll
A
03
%
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Oll
At
u
o
C0
0
0
6
5F
µ


Similar Part No. - V7PB-10C12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10L BEL-V7PB-10A10L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10S BEL-V7PB-10A10S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12L BEL-V7PB-10A12L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12S BEL-V7PB-10A12S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
More results

Similar Description - V7PB-10C12S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-10J BEL-X7AH-10J Datasheet
127Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com