Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS42BR400 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS42BR400
Description  Quad Transceiver with Input Equalization and Output De-Emphasis
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS42BR400 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DS42BR400 Datasheet HTML 4Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 5Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 6Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 7Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 8Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 9Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 10Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 11Page - National Semiconductor (TI) DS42BR400 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
eLLP-60 Package
Order Number DS42BR400TSQ
NS Package Number SQA060
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves
the right at any time without notice to change said circuitry and specifications.
For the most current product information visit us at www.national.com.
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform when
properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result
in a significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
BANNED SUBSTANCE COMPLIANCE
National Semiconductor manufactures products and uses packing materials that meet the provisions of the Customer Products
Stewardship Specification (CSP-9-111C2) and the Banned Substances and Materials of Interest Specification (CSP-9-111S2) and contain
no ‘‘Banned Substances’’ as defined in CSP-9-111S2.
Leadfree products are RoHS compliant.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Email: ap.support@nsc.com
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: jpn.feedback@nsc.com
Tel: 81-3-5639-7560
www.national.com


Similar Part No. - DS42BR400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 NSC-DS42BR400 Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400 TI1-DS42BR400 Datasheet
828Kb / 16P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400 Datasheet
822Kb / 18P
[Old version datasheet]   DS42BR400 Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results

Similar Description - DS42BR400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_14 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_15 Datasheet
5Mb / 26P
[Old version datasheet]   DS34RT5110 DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
DS25BR400 TI1-DS25BR400_14 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com