Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPC-10A15S Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # VRPC-10A15S
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10A15S Datasheet(HTML) 6 Page - Bel Fuse Inc.

  VRPC-10A15S Datasheet HTML 1Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 5Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 6Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 7Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 8Page - Bel Fuse Inc. VRPC-10A15S Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-10A
12V Input / 1.5 – 3.3V Output / 10A
page 6
Efficiency Data
Module 3.3V
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
96.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
OUTPUT CURRENT
10.8V
12.0V
13.2V
Module 2.5V
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
OUTPUT CURRENT
10.8V
12.0V
13.2V
Module 1.5V
74.0%
76.0%
78.0%
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
OUTPUT CURRENT
10.8V
12.0V
13.2V


Similar Part No. - VRPC-10A15S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10AT5A BEL-VRPC-10AT5A Datasheet
118Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRPC-10AT5A BEL-VRPC-10AT5A Datasheet
118Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRPC-10AT5S BEL-VRPC-10AT5S Datasheet
118Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRPC-10AT5S BEL-VRPC-10AT5S Datasheet
118Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRPC-10AT5X BEL-VRPC-10AT5X Datasheet
118Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPC-10A15S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PA-03A BEL-V7PA-03A Datasheet
365Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 3A
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com