Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7PB-10B09L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7PB-10B09L
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-10B09L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7PB-10B09L Datasheet HTML 1Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 2Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 3Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 4Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 5Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 6Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 7Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 8Page - Bel Fuse Inc. V7PB-10B09L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 08.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP03V7PB-10B
5V Input / 0.9V – 3.3V Output / 10A
Nonisolated
Industry standard footprint
Fixed frequency
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Remote sense
Undervoltage lockout (UVLO)
Over current and short circuit protection
Industrial temperature range
Description
The Bel V7PB-10B modules are a series of non-isolated, step down DC/DC power converters that operate from a nominal 5V
source. These converters are available in a range of output voltages from 0.9V to 3.3V. They are packaged in a compact, SIP
package rated at 10A. Standard features include remote on/off, over current and short circuit protection, output voltage adjust
and industrial temperature range (-40° to +85° C). The output is closely regulated and the efficiency is typically 95.5% @ 3.3V
output at full load. These products may be used almost anywhere low voltage silicon is employed and a 5V source is available.
Typical applications include file servers, routers, line cards and other computing and communications equipment.
Applications
page 1
V7PB-10B Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
e
s
n
e
S
e
t
o
m
e
R
w
o
L
e
v
i
t
c
A
r
e
b
m
u
N
t
r
a
P
e
s
n
e
S
e
t
o
m
e
R
h
g
i
H
e
v
i
t
c
A
V
3
.
3V
5A
0
1W
3
3%
5
.
5
9L
3
3
B
0
1
-
B
P
7
VS
3
3
B
0
1
-
B
P
7
V
V
5
.
2V
5A
0
1W
5
2%
4
9L
5
2
B
0
1
-
B
P
7
VS
5
2
B
0
1
-
B
P
7
V
V
8
.
1V
5A
0
1W
8
1%
2
9L
8
1
B
0
1
-
B
P
7
VS
8
1
B
0
1
-
B
P
7
V
V
5
.
1V
5A
0
1W
5
1%
1
9L
5
1
B
0
1
-
B
P
7
VS
5
1
B
0
1
-
B
P
7
V
V
2
.
1V
5A
0
1W
2
1%
0
9L
2
1
B
0
1
-
B
P
7
VS
2
1
B
0
1
-
B
P
7
V
V
9
.
0V
5A
0
1W
9%
7
8L
9
0
B
0
1
-
B
P
7
VS
9
0
B
0
1
-
B
P
7
V


Similar Part No. - V7PB-10B09L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10L BEL-V7PB-10A10L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10S BEL-V7PB-10A10S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12L BEL-V7PB-10A12L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12S BEL-V7PB-10A12S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
More results

Similar Description - V7PB-10B09L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
X7AH-10J BEL-X7AH-10J Datasheet
127Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com